Electronic Components Datasheet Search
  English  ▼

X  

MSK4250H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4250H
Description  10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4250H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4250H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4250H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4250H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4250H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4250H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4250H Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
@ 64V, +150°C Junction
@ 10 Amps
@10Amps, +150°C Junction
@ 10 Amps, 150°C Junction
@ 10 Amps, Each FET
IF=10 Amps, di/dt=100A/µS
Typ.
60
16
16
2
0.5
±5.0
-
±12
8
±13
6.5
275
POWER SUPPLY REQUIREMENTS
+Vcc
-Vcc
PWM
Free Running Frequency
CONTROL
Transconductance
Current Monitor
ERROR AMP
Input Voltage Range
Slew Rate
Output Voltage Swing
Gain Bandwidth Product
Large Signal Voltage Gain
75V
±13.5V
+16V
-18V
10A
20A
High Voltage Supply
Current Command Input
Continuous Output Current
Peak Output Current
@ +15V
@ -15V
±8 Amps Output
±8 Amps Output
mA
mA
KHz
Amp/Volt
V/Amp
mAmp
mAmp
Volts
V/µSec
Volts
MHz
V/mV
ABSOLUTE MAXIMUM RATINGS
V+
VIN
+Vcc
-Vcc
IOUT
IPK
3.1°C/W
-65°C to +150°C
+300°C
-55°C to +125°C
+150°C
θJC
TST
TLD
TC
TJ
Parameter
ELECTRICAL SPECIFICATIONS
Units
Max.
85
35
19
2.2
0.55
±35.0
-
-
-
-
-
-
MSK 4250
Typ.
60
16
16
2
0.5
±5.0
-
±12
8
±13
6.5
275
Test Conditions
Min.
-
-
14
1.8
0.45
-
-
±11
6.5
±12
-
175
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
Junction Temperature
All Ratings: Tc=+25°C Unless Otherwise Specified
2
PRELIMINARY Rev. - 11/00
Max.
85
35
18
2.1
0.55
±25.0
±50.0
-
-
-
-
-
MSK 4250H
Min.
-
-
15
1.9
0.45
-
-
±11
6.5
±12
-
175
1,2,3
1,2,3
4,5,6
4,5,6
4,5,6
4
5,6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
NOTES:
1
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
2
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
3
Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4.
4
Subgroups 5 and 6 testing available upon request.
5
Subgroup 1, 4 TA = TC = +25°C
2, 5 TA = TC = +125°C
3, 6 TA = TC = -55°C
6
This is to be used for MOSFET thermal calculation only.
7
Measurements do not include offset current at 0V current command.
3
2
nSec
nSec
µAmps
Volts
Volts
Ω
Volts
nSec
µSec
OUTPUT
Rise Time
Fall Time
Leakage Current
Voltage Drop Across Bridge (1 Upper and 1 Lower)
Voltage Drop Across Bridge (1 Upper and 1 Lower)
Drain-Source On Resistance (Each MOSFET)
Diode VSD
trr
Dead Time
-
-
750
0.3
0.6
0.026
2.6
-
-
100
100
-
-
-
-
-
280
2
-
-
-
-
-
-
-
-
-
100
100
-
-
-
-
-
280
2
-
-
-
-
-
-
-
-
-
-
-
750
0.3
0.6
0.026
2.6
-
-
7
Group A
5
Subgroup
4
7
6
1
1
1
1
1
1
1
1
1
1
1
1
@ 0 Volts Command
Output Offset
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com