Electronic Components Datasheet Search
  English  ▼

X  

AP5602P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP5602P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP5602P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP5602P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP5602P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP5602P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP5602P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP5602P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP5602P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
55V
▼ Low On-resistance
RDS(ON)
8mΩ
▼ Fast Switching Characteristic
ID
100A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
3
mJ
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
0.8
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
AP5602P
Halogen-Free Product
201602171
400
70
Parameter
Rating
Drain-Source Voltage
55
Total Power Dissipation
187.5
-55 to 175
Gate-Source Voltage
+20
Pulsed Drain Current
1
Drain Current, VGS @ 10V
Drain Current, VGS @ 10V
100
Parameter
1
Total Power Dissipation
2.41
Storage Temperature Range
Operating Junction Temperature Range
-55 to 175
Thermal Data
269
G
D
S
G
D
S
TO-220(P)
AP4604 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
G
D
S
G
D
S
TO-220(P)
AP5602 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
.


Similar Part No. - AP5602P

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP560 TELEDYNE-AP560 Datasheet
186Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Extreme Networks.
AP560 EXTREMENETWORKS-AP560 Datasheet
419Kb / 14P
Stadium Optimized Wi-Fi 6 Access Points for Very Highly Dense Outdoor Venues
31aug23
logo
Infineon Technologies A...
AP56004 INFINEON-AP56004 Datasheet
1Mb / 13P
DAP miniWiggler V3
V1.0 2013-07
AP56004 INFINEON-AP56004 Datasheet
1Mb / 14P
DAP miniWiggler V3
V1.0 2013-07
logo
Advanced Power Electron...
AP5600N A-POWER-AP5600N Datasheet
110Kb / 6P
Fast Switching Characteristic
More results

Similar Description - AP5602P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com