Electronic Components Datasheet Search
  English  ▼

X  

BY133GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BY133GP
Description  1 Amp Glass Passivated Rectifier 1300 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BY133GP Datasheet(HTML) 1 Page - Micro Commercial Components

  BY133GP Datasheet HTML 1Page - Micro Commercial Components BY133GP Datasheet HTML 2Page - Micro Commercial Components BY133GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BY133GP
1 Amp Glass
Passivated Rectifier
DO-41
Features
•
Low Current Leakage and Low Cost
•
Lead Free Finish/RoHS Compliant (Note1)
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Typical Thermal Resistance:
Junction to Lead at 0.375"
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
BY133GP BY133GP
1300
910
1300
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
500µA
TJ = 25°C
TJ = 100°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
A
B
C
D
D
Cathode
Mark
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
15/04/29
www.mccsemi.com
1 of 3
Micro Commercial Components
Compliant. See ordering information)
("P"Suffix designates
910
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
1300
Volts
DIMENSIONS
25
oC/W
Lead Length P.C.B. Mounted
•
Glass Passivated Junction
Micro Commercial Components
M C C
TM


Similar Part No. - BY133GP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BY133G EIC-BY133G Datasheet
16Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
GOOD-ARK Electronics
BY133G GOOD-ARK-BY133G Datasheet
171Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
BY133G SEMTECH_ELEC-BY133G Datasheet
198Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
SynSemi, Inc.
BY133G SYNSEMI-BY133G Datasheet
37Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
BY133G EIC-BY133G Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results

Similar Description - BY133GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
1 Amp Glass Passivated Rectifier 50-1000 Volts
FR101GP CHENYI-FR101GP Datasheet
57Kb / 3P
1 Amp glass passivated rectifier 50to1000 volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
1 Amp Glass Passivated Rectifier 50 - 1000 Volts
BY133 MCC-BY133 Datasheet
223Kb / 3P
1 Amp Rectifier 1300 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5413GP MCC-1N5413GP Datasheet
349Kb / 3P
3 Amp Glass Passivated Rectifier 1300 Volts
BY133 MCC-BY133_13 Datasheet
242Kb / 3P
1 Amp Rectifier 1300 Volts
GS1R-L MCC-GS1R-L Datasheet
249Kb / 4P
1.0 Amp Glass Passivated Rectifier 1300 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com