Electronic Components Datasheet Search
  English  ▼

X  

SM5817PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SM5817PL
Description  Schottky Barrier Diodes 20 to 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5817PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SM5817PL Datasheet HTML 1Page - Micro Commercial Components SM5817PL Datasheet HTML 2Page - Micro Commercial Components SM5817PL Datasheet HTML 3Page - Micro Commercial Components SM5817PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micro Commercial Components
M C C
R
SM5817PL-SM5819PL
www.mccsemi.com
2 of
4
Revision: L
2017/11/06
FIG1: TYPICAL FORWARD CURRENT
LEAD TEMPERATURE (℃)
0
1.0
0.75
0.25
0 20 40 60 80 100 120 140
1
0
2
5
10
20
50
100
5
FIG2: Surge Forward Current Capability
10
15
20
25
30
35
8.3ms Single Half Sine
Wave JEDEC Method
Number of Cycles
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.01
0.1
1
VF(V)
IF(A)
5
FIG3: Instantaneous Forward Voltage
SM5817PL
TJ=25°C
TJ=100°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
VF(V)
IF(A)
5
FIG4: Instantaneous Forward Voltage
SM5818PL and SM5819PL
TJ=25°C
TJ=100°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com