Electronic Components Datasheet Search
  English  ▼

X  

SM5819PL Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SM5819PL
Description  Schottky Barrier Diodes 20 to 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5819PL Datasheet(HTML) 3 Page - Micro Commercial Components

  SM5819PL Datasheet HTML 1Page - Micro Commercial Components SM5819PL Datasheet HTML 2Page - Micro Commercial Components SM5819PL Datasheet HTML 3Page - Micro Commercial Components SM5819PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM5817PL-SM5819PL
www.mccsemi.com
Revision: L
3 of 4
2017/11/06
Micro Commercial Components
M C C
R
0
5
10
15
20
25
0.001
0.01
0.1
1
10
VR(V)
IR(mA)
FIG.
5:TYPICAL REVERSE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
0.01
0.1
1
10
FIG.
6:TYPICAL REVERSE CHARACTERISTICS
SM5818PL and SM5819PL
SM5817PL
0.001
IR(mA)
VR(V)
TJ=25°C
TJ=75°C
TJ=100°C
TJ=100°C
TJ=75°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com