Electronic Components Datasheet Search
  English  ▼

X  

SR105 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR105
Description  1 Amp Schottky Barrier Rectifier 50 - 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR105 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR105 Datasheet HTML 1Page - Micro Commercial Components SR105 Datasheet HTML 2Page - Micro Commercial Components SR105 Datasheet HTML 3Page - Micro Commercial Components SR105 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SR105
THRU
SR1010
1 Amp Schottky
Barrier Rectifier
50 - 100 Volts
DO-41
Features
•
Guard Ring Protection
•
Low Power Loss For High Efficiency
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +125°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR105
SR105
50V
35V
50V
SR106
SR106
60V
42V
60V
SR108
SR108
80V
56V
80V
SR1010
SR1010
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SR105-SR106
SR108-SR1010
VF
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SR105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR105 MOSPEC-SR105 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Jinan Gude Electronic D...
SR105 JGD-SR105 Datasheet
143Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR105 DIODES-SR105 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
Micro Commercial Compon...
SR105 MCC-SR105 Datasheet
76Kb / 3P
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
logo
Taiwan Semiconductor Co...
SR105 TSC-SR105 Datasheet
64Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR105

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
50 Amp Schottky Barrier Rectifier 20 to 100 Volts
SR105 MCC-SR105 Datasheet
76Kb / 3P
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR305 MCC-SR305 Datasheet
79Kb / 2P
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502 Datasheet
82Kb / 2P
5 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Daya Electric Group Co....
FR101 DAYA-FR101 Datasheet
83Kb / 3P
1 Amp Schottky Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR305 MCC-SR305_11 Datasheet
387Kb / 3P
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502_11 Datasheet
216Kb / 3P
5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR3010-TP MCC-SR3010-TP Datasheet
405Kb / 3P
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_13 Datasheet
405Kb / 3P
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com