Electronic Components Datasheet Search
  English  ▼

X  

SR303 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR303
Description  3 Amp Schottky Barrier Rectifier 20 - 45 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR303 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR303 Datasheet HTML 1Page - Micro Commercial Components SR303 Datasheet HTML 2Page - Micro Commercial Components SR303 Datasheet HTML 3Page - Micro Commercial Components SR303 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SR302
3 Amp Schottky
Barrier Rectifier
20 - 45 Volts
DO-201AD
Features
•
Low Forward Voltage Drop and Low Switching Noise
•
High Current Capability and High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -50
°C to +125°C
•
Storage Temperature: -50
°C to +125°C
•
Maximum Thermal Resistance; 40
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 85
°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
30mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
180pF
Measured at
1.0MHz, VR=4.0V
2.Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
Revision: B
2013/07/19
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
VF
IFM = 3.0A;
TJ = 25
°C(Note 2)
.50V
THRU
SR345
SR302
---
20V
14V
20V
SR303
---
30V
21V
30V
SR304
---
40V
28V
40V
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 4
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SR345
---
45V
31.5V
45V


Similar Part No. - SR303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR303 MOSPEC-SR303 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Jinan Gude Electronic D...
SR303 JGD-SR303 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR303 DIODES-SR303 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
logo
Taiwan Semiconductor Co...
SR303 TSC-SR303 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR303 TSC-SR303 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR303

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8020 MCC-FST8020 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
logo
Solid States Devices, I...
SSR1645G SSDI-SSR1645G Datasheet
198Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645 SSDI-SSR1645 Datasheet
200Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645M SSDI-SSR1645M Datasheet
206Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645Z SSDI-SSR1645Z Datasheet
207Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645C SSDI-SSR1645C Datasheet
204Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR5825B SSDI-SSR5825B Datasheet
173Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRL2045CT MCC-MBRL2045CT Datasheet
407Kb / 3P
45 Volts 20 Amp Low Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com