Electronic Components Datasheet Search
  English  ▼

X  

74ALS573B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALS573B
Description  Latch flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS573B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS573B Datasheet HTML 2Page - NXP Semiconductors 74ALS573B Datasheet HTML 3Page - NXP Semiconductors 74ALS573B Datasheet HTML 4Page - NXP Semiconductors 74ALS573B Datasheet HTML 5Page - NXP Semiconductors 74ALS573B Datasheet HTML 6Page - NXP Semiconductors 74ALS573B Datasheet HTML 7Page - NXP Semiconductors 74ALS573B Datasheet HTML 8Page - NXP Semiconductors 74ALS573B Datasheet HTML 9Page - NXP Semiconductors 74ALS573B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product specification
74ALS573B/74ALS574A
Latch/flip-flop
1991 Feb 08
6
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = ±10%, VIL = MAX,
IOH = –0.4mA VCC – 2
V
VOH
High-level output voltage
CC
,
IL
,
VIH = MIN
IOH = MAX
2.4
3.2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at minimum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
I
Low level input current
74ALS573B
VCC = MAX, VI = 0.4V
–0.1
mA
IIL
Low-level input current
74ALS574A
VCC = MAX, VI = 0.4V
–0.2
mA
IOZH
Off-state output current,
High-level voltage applied
VCC = MAX, VI = 2.7V
20
µA
IOZL
Off-state output current,
Low-level voltage applied
VCC = MAX, VI = 0.4V
–20
µA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICCH
7
12
mA
74ALS573B
ICCL
VCC = MAX
13
21
mA
ICC
Supply current (total)
ICCZ
15
24
mA
ICC
Supply current (total)
ICCH
10
16
mA
74ALS574A
ICCL
VCC = MAX
17
27
mA
ICCZ
18
28
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com