Electronic Components Datasheet Search
  English  ▼

X  

SS24-L Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SS24-L
Description  2 Amp Schottky Rectifier 20 to 200 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS24-L Datasheet(HTML) 4 Page - Micro Commercial Components

  SS24-L Datasheet HTML 1Page - Micro Commercial Components SS24-L Datasheet HTML 2Page - Micro Commercial Components SS24-L Datasheet HTML 3Page - Micro Commercial Components SS24-L Datasheet HTML 4Page - Micro Commercial Components SS24-L Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S
S2150-L thru SS220-L
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
2.4
2.0
F IG.2-TY P IC AL F OR W AR D
CHARACTERISTICS
1.6
1.2
0.8
0.4
0 0
20
40
60
80
100
120
140
160
180
200
LEAD TEMPERATURE,( C)
Tj=25 C
Pulse Width 300us
F IG .3-MAXIMUM NON-R E P E T IT IV E F OR W AR D
SUR G E C URR ENT
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARD VOLTAGE,(V)
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
1
1
5
10
50
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
.
.01
0
2 0
4 0
6 0
8 0
1 0 0
120
140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAG E ,(%)
0.1
1.0
.01
10
50
50
40
30
10
20
0
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50 100
.1
1.0
10
100
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: E
2014/03/07
4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com