Electronic Components Datasheet Search
  English  ▼

X  

TSSP6038 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSSP6038
Description  IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP6038 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSSP6038 Datasheet HTML 1Page - Vishay Siliconix TSSP6038 Datasheet HTML 2Page - Vishay Siliconix TSSP6038 Datasheet HTML 3Page - Vishay Siliconix TSSP6038 Datasheet HTML 4Page - Vishay Siliconix TSSP6038 Datasheet HTML 5Page - Vishay Siliconix TSSP6038 Datasheet HTML 6Page - Vishay Siliconix TSSP6038 Datasheet HTML 7Page - Vishay Siliconix TSSP6038 Datasheet HTML 8Page - Vishay Siliconix TSSP6038 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSSP60..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 14-Sep-17
1
Document Number: 82483
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Sensor Module for Reflective Sensor, Light Barrier,
and Fast Proximity Applications
MECHANICAL DATA
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
ORDERING CODE
Taping:
TSSP60..TT - top view taped
TSSP60..TR - side view taped
APPLICATIONS
• Reflective sensors for hand dryers, towel or soap
dispensers, water faucets, toilet flush
• Vending machine fall detection
• Security and pet gates
• Person or object vicinity activation
• Fast proximity sensors for toys, robotics, drones, and
other consumer and industrial uses
FEATURES
• Up to 2 m for presence and proximity sensing
• Uses modulated bursts of infrared light
• 940 nm peak wavelength
• PIN diode and sensor IC in one package
• Low supply current
• Shielding against EMI
• Visible light is suppressed by IR filter
• Insensitive to supply voltage ripple and noise
• Supply voltage: 2.5 V to 5.5 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSSP60.. series are compact infrared detector modules
for presence and fast proximity sensing applications. They
provide an active low output in response to infrared
bursts at 940 nm. The frequency of the burst should
correspond to the carrier frequency shown in the parts table.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
PRESENCE SENSING
16797
1
2
3
4
PARTS TABLE
Carrier frequency
38 kHz
TSSP6038
56 kHz
TSSP6056
Package
Panhead
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
Dimensions (mm)
7.5 W x 5.3 H x 4.0 D
Mounting
SMD
Application
Presence sensors, fast proximity sensors
33 k
Ω
VS
OUT
Demo
-
GND
pass
AMP
Input
PIN
Band
dulator
3
4
1
16839-4
+3 V
IR emitter
+3 V
38 kHz
Envelope
signal
Out to
μC


Similar Part No. - TSSP6038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP6038 VISHAY-TSSP6038 Datasheet
622Kb / 25P
IR Receiver Modules for Remote Control Systems
14-Apr-16
More results

Similar Description - TSSP6038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40 VISHAY-TSSP40 Datasheet
107Kb / 6P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
11-Dec-15
TSSP770 VISHAY-TSSP770 Datasheet
588Kb / 25P
IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
13-Sep-17
TSSP530DF1P VISHAY-TSSP530DF1P Datasheet
220Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
17-Jan-2023
TSSP530 VISHAY-TSSP530_V01 Datasheet
197Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
02-Feb-2023
TSSP60 VISHAY-TSSP60_V01 Datasheet
382Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP770 VISHAY-TSSP770_V01 Datasheet
440Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP930 VISHAY-TSSP930_V01 Datasheet
218Kb / 7P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
30-Jul-2021
TSSP950 VISHAY-TSSP950 Datasheet
373Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
TSSP960 VISHAY-TSSP960_V01 Datasheet
333Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com