Electronic Components Datasheet Search
  English  ▼

X  

VCNL4200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL4200
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4200 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL4200 Datasheet HTML 1Page - Vishay Siliconix VCNL4200 Datasheet HTML 2Page - Vishay Siliconix VCNL4200 Datasheet HTML 3Page - Vishay Siliconix VCNL4200 Datasheet HTML 4Page - Vishay Siliconix VCNL4200 Datasheet HTML 5Page - Vishay Siliconix VCNL4200 Datasheet HTML 6Page - Vishay Siliconix VCNL4200 Datasheet HTML 7Page - Vishay Siliconix VCNL4200 Datasheet HTML 8Page - Vishay Siliconix VCNL4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
VCNL4200
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 22-Sep-17
3
Document Number: 84430
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Notes
(1) Light source: white LED
(2) Maximum detection range to ambient light can be determined by ALS refresh time adjustment. Refer to table 17 “ALS Resolution and
Maximum Detection Range”
(3) Based on IRED on / off duty ratio = 1/160, 1/320, 1/640, and 1/1280. The circuitry should use an external MOSFET as shown with Fig.11.
Please see also the Application Note “Designing the VCNL4200 into an Application” (www.vishay.com/doc?84327)
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.5
-
3.6
V
Supply voltage for IRED
VIRED
3.8
-
5.5
V
Supply current
Excluded LED driving
IDD
-
350
-
μA
Shutdown current
Light condition = dark, VDD = 3.3 V
IDD (SD)
-
0.2
-
μA
ALS shut down
ALS disable, PS enable
IALSSD
-
300
-
μA
PS shut down
ALS enable, PS disable
IPSSD
-
213
-
μA
I2C signal input
Logic high
VDD = 3.3 V
VIH
1.5
-
-
V
Logic low
VIL
--
0.8
Logic high
VDD = 2.6 V
VIH
1.4
-
-
V
Logic low
VIL
--
0.6
Peak sensitivity wavelength of ALS
λp
-
550
-
nm
Peak sensitivity wavelength of PS
λpps
-
940
-
nm
Full ALS counts
16-bit resolution
-
-
65 535
steps
Full PS counts
12-bit / 16-bit resolution
-
-
4095 / 65 535
steps
Detectable intensity
Minimum
IT = 400 ms, VDD = 3.3 V,
1 step (1)(2)
-
0.003
-
lx
Maximum
IT = 50 ms, VDD = 3.3 V,
65 535 steps (1)(2)
-
1573
-
ALS dark offset
IT = 50 ms, VDD = 3.3 V,
normal sensitivity (1)
0-
3
steps
Operating temperature range
Tamb
-40
-
+85
°C
IRED driving current
(3)
-
-
800
mA
GND
I2C bus logic
control
ALS
PD
PS
PD
LED driver
PS
buffer
LED_CATHODE
V
DD
SCLK
SDAT
INT
IRED
PS timing
controller
DSP
Oscillator
Temperature
sensor
Low pass filter
ALS
16-bits
data
buffer
LED-
LED+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com