Electronic Components Datasheet Search
  English  ▼

X  

VCNT2020 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VCNT2020
Description  Reflective Optical Sensor with Transistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2020 Datasheet(HTML) 6 Page - Vishay Siliconix

  VCNT2020 Datasheet HTML 1Page - Vishay Siliconix VCNT2020 Datasheet HTML 2Page - Vishay Siliconix VCNT2020 Datasheet HTML 3Page - Vishay Siliconix VCNT2020 Datasheet HTML 4Page - Vishay Siliconix VCNT2020 Datasheet HTML 5Page - Vishay Siliconix VCNT2020 Datasheet HTML 6Page - Vishay Siliconix VCNT2020 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VCNT2020
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 19-Jan-18
6
Document Number: 84285
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL DIMENSIONS in millimeters
3000 pcs/reel
Non tolerated dimensions ± 0.1 mm
A (5 : 1)
B-B (2 : 1)
A
B
B
0.3
1.4
8
3.5
Ø 1.55
Ø 1
Cathode
Collector
Lable posted
here
Reel-design is representative for different types
Unreel direction
Drawing refers to following Type: VCNT2020
Drawing No.: 9.800-5132.01-4
Issue: 1; 18.01.2018
Ø 13
Ø 178
Empt
y leade
r 400
mm
min.
(empty
traile
r 2
00
mm
min.)
14.4
8.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com