Electronic Components Datasheet Search
  English  ▼

X  

VLMKE340 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMKE340
Description  Bicolor SMD LED PLCC-4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMKE340 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMKE340 Datasheet HTML 1Page - Vishay Siliconix VLMKE340 Datasheet HTML 2Page - Vishay Siliconix VLMKE340 Datasheet HTML 3Page - Vishay Siliconix VLMKE340 Datasheet HTML 4Page - Vishay Siliconix VLMKE340 Datasheet HTML 5Page - Vishay Siliconix VLMKE340 Datasheet HTML 6Page - Vishay Siliconix VLMKE340 Datasheet HTML 7Page - Vishay Siliconix VLMKE340 Datasheet HTML 8Page - Vishay Siliconix VLMKE340 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMKE3400, VLMKE3401
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Dec-15
2
Document Number: 81229
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMKE3400, VLMKE3401
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per diode
VR
Not designed for
reverse operation
V
DC forward current per diode
Tamb
≤ 80 °C, 1 chip on
IF
30
mA
Surge forward current per diode
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation per diode
PV
80
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction / ambient Mounted on PC board (pad size > 16 mm2)RthJA
560
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMKE3400, VLMKE3401, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMKE3400
IV
56
-
180
mcd
VLMKE3401
IV
71
-
140
mcd
Dominant wavelength
IF = 20 mA
λd
-
630
-
nm
Peak wavelength
IF = 20 mA
λp
-
643
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-1.9
2.6
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMKE3400, VLMKE3401, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMKE3400
IV
90
-
280
mcd
VLMKE3401
IV
112
-
224
mcd
Dominant wavelength
IF = 20 mA
λd
581
588
594
nm
Peak wavelength
IF = 20 mA
λp
-
590
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-2
2.6
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com