Electronic Components Datasheet Search
  English  ▼

X  

ADT2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADT2
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADT2 Datasheet(HTML) 1 Page - Mini-Circuits

  ADT2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
RF Transformer
Surface Mount
ADT2-1T+
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Outline Drawing
Transformer Electrical Specifications
Typical Performance Data
Config. A
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
• excellent return loss, 18 dB typ. in 1 dB bandwidth
• excellent amplitude unbalance, 0.2 dB typ.
and phase unbalance, 1 deg. typ. in 1dB bandwidth
• aqueous washable
• protected under US patent 6,133,525
• impedance matching
• balanced amplifier
Ω
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
2
0.4-450
0.4-450
0.6-400
1-200
1
1
0.2
0.3
PRIMARY DOT
3
PRIMARY
1
SECONDARY DOT
6
SECONDARY
4
SECONARY CT
5
NOT USED
2
50Ω
0.4 to 450 MHz
* Insertion Loss is referenced to mid-band loss, 0.4 dB typ.
0.40
0.81
15.88
0.15
0.26
1.00
0.58
20.61
0.20
0.31
5.00
0.32
28.42
0.23
0.34
10.00
0.30
30.23
0.25
0.23
25.00
0.34
28.47
0.26
0.17
50.00
0.40
24.24
0.26
0.13
100.00
0.48
18.91
0.22
0.22
200.00
0.69
13.40
0.08
0.14
400.00
1.25
8.18
0.63
1.99
450.00
1.15
7.38
0.92
2.76
ADT2-1T
INSERTION LOSS
0.0
0.4
0.8
1.2
1.6
2.0
0
90
180
270
360
450
FREQUENCY (MHz)
ADT2-1T
INPUT RETURN LOSS
0
10
20
30
40
50
0
90
180
270
360
450
FREQUENCY (MHz)
Demo Board MCL P/N: TB-430
Permanent damage may occur if any of these limits are exceeded.
REV. F
M158496
ADT2-1T+
ED-6559/2
HY/TD/CP/AM
161025
CASE STYLE: CD542
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200
13”
500,1000


Similar Part No. - ADT2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADT2-162T MINI-ADT2-162T Datasheet
211Kb / 2P
RF Transformer
ADT2-162T+ MINI-ADT2-162T+ Datasheet
211Kb / 2P
RF Transformer
logo
Integrated Device Techn...
ADT2-1T IDT-ADT2-1T Datasheet
1Mb / 20P
ZIF/CIF Modulator
logo
Renesas Technology Corp
ADT2-1T RENESAS-ADT2-1T Datasheet
1Mb / 22P
This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
ADT2-1T RENESAS-ADT2-1T Datasheet
1Mb / 21P
IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
More results

Similar Description - ADT2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com