Electronic Components Datasheet Search
  English  ▼

X  

EC802 Datasheet(PDF) 1 Page - Lumins Inc.

Part # EC802
Description  Set of three aluminum louvers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC802 Datasheet(HTML) 1 Page - Lumins Inc.

  EC802 Datasheet HTML 1Page - Lumins Inc. EC802 Datasheet HTML 2Page - Lumins Inc. EC802 Datasheet HTML 3Page - Lumins Inc. EC802 Datasheet HTML 4Page - Lumins Inc. EC802 Datasheet HTML 5Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS.COM
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
EC802/EC803 SERIES
ECLIPSE MAXI - LED
8” Pole/Wall mount
1
MATERIALS
Eclipse is made of corrosion resistant 356 aluminum alloy with a copper (CU)
content of less than 0.1%.
The lower cast aluminum housing fits with a 4” (102) or 5” (127) pole and
contains all electrical controls on a removable tray.
ELECTRICAL
LED
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with:
120-277 multi-volt compatibility (50-60Hz), optional 347V
on request, minimum operating temperature of -30ºC/-22ºF,
output over voltage protection, output over current protection,
output short circuit protection with auto-recovery, and over
temperature protection (110ºC).
LED
Type II, III or V light distribution via high performance optical
lenses. Standard 4000K/80CRI. Optional 2700K, 3000K and 3500K.
Removable modular LED platform.
Optional Amber LED for turtle sensitive areas.
Wavelengths: 584.5nm to 597nm.
LIFE
75,000hrs L
86B50 (based on IESNA TM-21 Test Method and LM-80 data).
145,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process and oven cured for long
term finish.
MOUNTING
Maximum weight: 29lbs (13kg)
Eclipse is designed for ease of access and installation.
Standard luminaire mounts on a 4” (102) or 5” (127) pole.
Alternate pole or wall attachments are proposed with high quality components
to meet multiple installation conditions.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP65.
EC803
EPA: 1.15
EC802
EPA: 0.98
1- Heavy cast aluminum top cover with integral
LED heat dissipating pad.
2- 30” dia. x .090” (2.3) thick hard aluminum
top shade. Underside surface is painted
white enamel to optimize light performance
(EC803 only).
3- Set of three aluminum louvers.
4- Set of 4 X 1/2” (13) solid aluminum struts.
5- Cast aluminum upper electrical housing.
6- Cast aluminum lower electrical housing.
EC802
EC803
3
2
5
4
1
6
29.4”
(747)
29.4”
(747)
30”
(762)
12.5”
(317)


Similar Part No. - EC802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC8025H12X ETC-EC8025H12X Datasheet
366Kb / 1P
8025 series 80x80x25 mm
EC8025H24X ETC-EC8025H24X Datasheet
366Kb / 1P
8025 series 80x80x25 mm
EC8025HH12X ETC-EC8025HH12X Datasheet
366Kb / 1P
8025 series 80x80x25 mm
EC8025HH24X ETC-EC8025HH24X Datasheet
366Kb / 1P
8025 series 80x80x25 mm
EC8025L12X ETC-EC8025L12X Datasheet
366Kb / 1P
8025 series 80x80x25 mm
More results

Similar Description - EC802

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W730 LUMINIS-W730 Datasheet
1Mb / 4P
Set of two cast aluminum supporting struts.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
Set of two cast aluminum supporting struts.
logo
STMicroelectronics
STEVAL-ISA161V1 STMICROELECTRONICS-STEVAL-ISA161V1 Datasheet
234Kb / 5P
Full set of protection features
November 2014 Rev 2
logo
Lumins Inc.
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
Set of three aluminum louvers
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
Set of three aluminum louvers
KR1503 LUMINIS-KR1503_16 Datasheet
625Kb / 3P
Set of four aluminum curved arms lens holders
TR2450 LUMINIS-TR2450 Datasheet
472Kb / 3P
Set of four cast aluminum perforated arms
TR1301 LUMINIS-TR1301_16 Datasheet
639Kb / 3P
Set of four aluminum perforated decorative arms
logo
Schneider Electric
KZ30 SCHNEIDER-KZ30 Datasheet
154Kb / 2P
M22 fixing nut - set of 5
Feb 10, 2022
logo
SparkFun Electronics
WRL_14147 SPARKFUN-WRL_14147 Datasheet
161Kb / 1P
UHF RFID Tag (Set of 5)
2/27/2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com