Electronic Components Datasheet Search
  English  ▼

X  

EC830 Datasheet(PDF) 1 Page - Lumins Inc.

Part # EC830
Description  LED electronic driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC830 Datasheet(HTML) 1 Page - Lumins Inc.

  EC830 Datasheet HTML 1Page - Lumins Inc. EC830 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
1
EC830/EC831/EC832 SERIES
ECLIPSE MAXI - LED
8” BOLLARD
1
3
2
5
Acrylic diffuser
with 12” dia.
shade
Acrylic diffuser
with three
aluminum louvers
1- Heavycastaluminumtopcoverwith
integralLEDheatdissipatingpad.
2- LEDlightengine.
3- Setof4x1/2”(13)diametersolid
aluminumstruts.
4- HighimpactwhitetranslucentUV
stabilizedacrylicdiffuser.
5- LEDelectronicdriver.
6- 8”(203)diameterextrudedaluminum
base.
7- Castaluminumanchorplate.
EC831
EC830
42”
(1066)
12”
(305)
EC831
EC832
12”
(305)
12”
(305)
6
7
EC830
EC832
MATERIALS
Eclipseismadeofcorrosionresistant356aluminumalloywithacopper
(CU)contentoflessthan0.1%.
LEDlightengineisthermallyandmechanicallysecuredtoacastaluminum
coverintegratingaheatdissipationpadtooptimizelightperformance.
ELECTRICAL
LED
DRIVER
Standarddriveris0-10Vdimming-ready(dimsto10%)with:
120-277multi-voltcompatibility(50-60Hz),optional347V
onrequest,minimumoperatingtemperatureof-30ºC/-22ºF,
outputovervoltageprotection,outputovercurrentprotection,
outputshortcircuitprotectionwithauto-recovery,andover
temperatureprotection(110ºC).
LED
Standard4000K/80CRI.Optional2700K,3000Kand3500K.
RemovablemodularLEDplatform.
LIFE
75,000hrsL
86B50(basedonIESNATM-21TestMethodandLM-80data).
145,000hrsL
70B50(calculatedprojectionfromLM-80data).
FINISH
Five-stagepreparationprocessincludespreheatingofcastaluminum
partsforairextraction.Polyesterpowdercoatingisappliedthroughan
electrostaticprocess,andovencuredforlongtermfinish.
MOUNTING
Mountswithasetof4x1/2”-13x18”lg.galvanizedanchorbolts.
CERTIFICATION
TestedtoUL1598andCSA22.2#250.ETLlistedwetlocation.
Photometrictestingperformedbyanindependentlaboratoryinaccordance
withIESLM-79-08standardsat25ºC.Lumendepreciationinaccordance
withIESNALM80standards.CEcertificationonrequest.
RatedIP55.
4
Acrylic diffuser
6” (152) dia. Bolt Circle
8” (203) dia. Base
4” (102) dia.
Power feed
opening


Similar Part No. - EC830

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
EC8320AXXMHR E-CMOS-EC8320AXXMHR Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
EC8320BXXMHR E-CMOS-EC8320BXXMHR Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
3A Low Dropout Regulator with Enable
EC8330AXXMHR E-CMOS-EC8330AXXMHR Datasheet
1Mb / 16P
3A Low Dropout Regulator with Enable
More results

Similar Description - EC830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
rev. A
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
logo
Rohm
BA7149F ROHM-BA7149F Datasheet
83Kb / 7P
Electronic viewfinder driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
ELECTRONIC DRIVER FOR TL BALLASTS
Apr-2004
logo
Melexis Microelectronic...
MLX10801 MELEXIS-MLX10801 Datasheet
622Kb / 41P
Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
LED electronic driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com