Electronic Components Datasheet Search
  English  ▼

X  

PRSC-2050 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PRSC-2050
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PRSC-2050 Datasheet(HTML) 1 Page - Mini-Circuits

  PRSC-2050 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PRSC-2050
2 Way-0° Resistive
50Ω
DC to 2000 MHz
Power Splitter/Combiner
Plug-In
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. C
M160892
PRSC-2050
HY/TD/AM
180123
A
BC
D
E
.770
.810
.380
.410
.030
19.56
20.57
9.65
10.41
0.76
F
G
H
wt
.200
.20
.14
grams
5.08
5.08
3.56
11.0
CASE STYLE: C145
Features
• wideband, DC to 2000 MHz
• hermetic metal case
• excellent amplitude unbalance 0:2 dB typ.
• excellent VSWR, 1.1:1 typ.
Applications
• test set-ups
• video or cable tv
• military, hi-rel application
Pin Connections
SUMPORT
5
PORT 1
3
PORT 2
15
GROUND
1,2,4,8,9,12,13,14,16
CASE GROUND
1,2,4,8,9,12,13,14,16
PRSC-2050
TOTAL LOSS
5.0
5.5
6.0
6.5
7.0
0
200 400 600 800 1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
PRSC-2050
ISOLATION
6.0
6.2
6.4
6.6
6.8
7.0
0
200 400 600 800 1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
PRSC-2050
VSWR
1.0
1.1
1.2
1.3
1.4
0
200 400 600 800 1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1.00
6.03
6.03
0.00
6.03
0.02
1.00
1.00
1.00
5.00
6.03
6.04
0.01
6.05
0.06
1.00
1.00
1.00
10.00
6.04
6.04
0.00
6.04
0.09
1.00
1.01
1.01
50.00
6.05
6.06
0.00
6.06
0.04
1.01
1.01
1.01
100.00
6.06
6.05
0.00
6.06
0.10
1.01
1.01
1.01
500.00
6.05
6.04
0.01
6.07
0.13
1.03
1.02
1.03
1000.00
6.10
6.08
0.02
6.13
0.05
1.11
1.08
1.12
1100.00
6.15
6.08
0.07
6.17
0.09
1.13
1.10
1.14
1250.00
6.20
6.15
0.05
6.25
0.06
1.17
1.13
1.18
1400.00
6.26
6.20
0.06
6.33
0.06
1.21
1.17
1.22
1550.00
6.34
6.29
0.05
6.45
0.20
1.25
1.21
1.26
1700.00
6.44
6.38
0.06
6.58
0.40
1.29
1.24
1.29
1850.00
6.55
6.49
0.05
6.72
0.69
1.32
1.27
1.32
1925.00
6.58
6.53
0.05
6.76
0.76
1.33
1.29
1.33
2000.00
6.63
6.59
0.04
6.82
0.98
1.35
1.30
1.34
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 6.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ.
Typ.
Typ.
Typ. Max. Typ. Max. Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
DC-2000
6.0
6.2
6.5
0.1
0.3
0.2
0.7
0.5
1.0
1
3
5
0.1
0.3
0.5
L = DC-100 MHz
M = 100-1000 MHz
U = 1000-2000 MHz
This is a resistive power divider to enable frequency coverage from dc to the highest rated frequency. Since resistive power divider do not
provide a high degree of isolation (basically isolation equals the insertion loss between ports), an amplifier such as Mini-Circuits' ZFL
series is recommended when high isolation is required. Matched power rating 0.75W, internal load dissipation 0.375W.
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
NON-CATALOG


Similar Part No. - PRSC-2050

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRSC192 AMCC-PRSC192 Datasheet
344Kb / 3P
Switch Fabric
PRSC192X AMCC-PRSC192X Datasheet
349Kb / 4P
Switch Fabric
PRSC192X AMCC-PRSC192X Datasheet
368Kb / 4P
Switch Fabric
PRSC48X AMCC-PRSC48X Datasheet
349Kb / 4P
Switch Fabric
PRSC48X AMCC-PRSC48X Datasheet
368Kb / 4P
Switch Fabric
More results

Similar Description - PRSC-2050

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com