Electronic Components Datasheet Search
  English  ▼

X  

408-10312 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 408-10312
Description  Closed-Head Assembly 2031460- 1 for Use with the Electro-Hydraulic Hand Tool Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-10312 Datasheet(HTML) 2 Page - Tyco Electronics

  408-10312 Datasheet HTML 1Page - Tyco Electronics 408-10312 Datasheet HTML 2Page - Tyco Electronics 408-10312 Datasheet HTML 3Page - Tyco Electronics 408-10312 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408- 10312
Closed- Head Assembly 2031460- 1 for Use with the Electro- Hydraulic Hand Tool Assembly
Rev C
2
of 4
Tyco Electronics Corporation
The Electro--Hydraulic tool and Closed--Head
Assembly should be inspected at regularly scheduled
intervals, depending on care, degree of operator skill,
the type and size of product being crimped, and
environmental conditions.
3. INSTALLATION/REMOVAL
Do not operate the Electro--Hydraulic Hand Tool
without the head and dies installed. Repeated
operation in this manner may result in damage to
the Electro--Hydraulic Hand Tool.
3.1. Installation/Removal of the Closed- Head Assembly
To avoid personal injury, be sure to exercise
extreme caution when handling the
Electro--Hydraulic Hand Tool. Remove the power
source (and release hydraulic pressure, if
applicable ---- see Customer Manual 409--10095)
before installing or removing the Closed--Head
Assembly.
Refer to the Electro--Hydraulic Hand Tool Customer
Manual (409--10095) for instructions on installing and
removing the crimping head assembly.
3.2. Installation/Removal of the SDE Dies (Figure 2 )
These instructions are meant to be used as an
example only. For specific instructions, refer to
the instructions packaged with the dies.
To avoid personal injury, be sure to exercise
extreme caution when handling the
Electro--Hydraulic Hand Tool. Remove the power
source (and release the hydraulic pressure, if
applicable ---- see Customer Manual 409--10095)
before installing or removing the the SDE dies.
Be sure to use ONLY Tyco Electronics SDE
crimping dies.
A. Installation of Pin- Type Dies
Only use die mounting pins that were made to
Revision C or later. Pins made to Revision C or
later will have a drill point on the smaller diameter
end of the pin. Die mounting pins should be
replaced every 10,000 crimping cycles. See
Figure 4 for pin part numbers.
1. Remove the two die retaining screws from the
crimp head.
2. Place the upper die in the upper jaw of the tool
head and the lower die in the lower jaw so that the
largest indenter or terminal cavity is facing away
from the quick--release jaw pin of the closed head
(see Figure 2).
3. Secure the dies with the pins (not shown).
Figure 2
Electro--Hydraulic Hand Tool
Trigger
Lower SDE Die
(Shoulder--Type
Shown)
Upper SDE Die
(Shoulder--Type
Shown)
Moving Jaw
(Lower Jaw)
Upper Jaw (Shown Fully Open)
Upper Die Retaining Screw
Lower Die Retaining Screw
Terminal Grip Thumb Button
Quick--Release Jaw Pin
Head Retainer
(2.5 mm Hex Wrench)
CAUTION
!
DANGER
CAUTION
!
DANGER
CAUTION
!
CAUTION
!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com