Electronic Components Datasheet Search
  English  ▼

X  

3218JH4 Datasheet(PDF) 1 Page - ebm-papst

Part # 3218JH4
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3218JH4 Datasheet(HTML) 1 Page - ebm-papst

  3218JH4 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Degree of protection: IP 54 / IP 68
Max.
280 m3/h
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
3212 JN
130
76.5
12
7...13.8
51
6.1
7.5
6 000
-20 ...+70
70 000 / 35 000
117 500
¿
3212 JH
146
86.0
12
7...15
55
6.4
9.0
6 800
-20 ...+70
70 000 / 35 000
117 500
¡
3212 JH3
237
139.5
12
6...13.8
69
7.8
31.0*
11 000
-20 ...+70
65 000 / 32 500
110 000
¬
3212 JH4
280
164.8
12
6...13.8
73
8.2
50.0*
13 000
-20 ...+70
60 000 / 30 000
110 000
√
3214 JN
130
76.5
24
11...28
51
6.1
6.5
6 000
-20 ...+70
70 000 / 35 000
117 500
¿
3214 JH
146
86.0
24
12...30
55
6.4
9.0
6 800
-20 ...+70
70 000 / 35 000
117 500
¡
3214 JH3
237
139.5
24
12...27.6
69
7.8
30.0*
11 000
-20 ...+70
65 000 / 32 500
110 000
¬
3214 JH4
280
164.8
24
12...27.6
73
8.2
50.0*
13 000
-20 ...+70
60 000 / 30 000
110 000
√
3218 JN
130
76.5
48
36...56
51
6.1
7.0
6 000
-20 ...+70
70 000 / 35 000
117 500
¿
3218 JH
146
86.0
48
36...53
55
6.4
9.5
6 800
-20 ...+70
70 000 / 35 000
117 500
¡
3218 JH3
237
139.5
48
20...58.0
69
7.8
29.0*
11 000
-20 ...+70
65 000 / 32 500
110 000
¬
3218 JH4
280
164.8
48
20...58.0
73
8.2
50.0*
13 000
-20 ...+70
60 000 / 30 000
110 000
√
Subject to change
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
Via single wires AWG 24
(H3 and H4: AWG 22), TR 64
– Weight:
240 g (H3 and H4: 280 g)
1) Fiberglass-reinforced plastic
3200 JH3 and JH4 also available as standard with PWM control input and speed signal.
Speed control range from 2000 rpm-1 up to maximum nominal speed. Standstill at 0% PWM, maximum speed if control cable is interrupted.
* Power consumption at free air flow. These values can be significantly higher in the operating point.
Tin-pla
ted
51
5
3
1
6
2
4
0
1
-
8
1
6
4
1
6
2
4
1
2
-
7
1
8
4
1
6
3
4
1
2
-
7
1
9
5
1
6
3
5
2
3
-
6
1
1
6
1
6
4
5
3
3
-
5
9
1
7
1
6
5
6
6
4
-
5
8
8
4
2
1
3
4
1
2
-
7
1
9
5
2
1
3
5
2
3
-
6
1
1
6
2
1
4
5
3
3
-
5
9
1
7
2
1
5
6
6
4
-
5
8
8
4
4
3
3
4
1
2
-
7
1
9
5
4
3
3
5
3
3
-
6
1
1
7
4
3
5
6
6
4
-
5
8
S
Finger guards
from p. 242
DC axial fans
 92 x 38 mm
Series 3200 J
Nominal data


Similar Part No. - 3218JH4

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3218JH4 EBMPAPST-3218JH4 Datasheet
524Kb / 4P
DC axial compact fan
3218JH4 EBMPAPST-3218JH4 Datasheet
175Kb / 1P
DC axial fans
More results

Similar Description - 3218JH4

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com