Electronic Components Datasheet Search
  English  ▼

X  

355708 Datasheet(PDF) 1 Page - Lumberg

Part # 355708
Description  RAST 2.5 connectors, pitch 2.5/5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

355708 Datasheet(HTML) 1 Page - Lumberg

  355708 Datasheet HTML 1Page - Lumberg 355708 Datasheet HTML 2Page - Lumberg 355708 Datasheet HTML 3Page - Lumberg 355708 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
35 3557
01/2018
1
RAST 2.5 connectors, pitch 2.5/5.0 mm
RAST 2.5 pin header, angular, for interior locking
contact pitch 5.0 mm
State: Active
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 4


Similar Part No. - 355708

ManufacturerPart #DatasheetDescription
logo
Lumberg
355708 LUMBERG-355708 Datasheet
91Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 355708

ManufacturerPart #DatasheetDescription
logo
Lumberg
3512-1 LUMBERG-3512-1_18 Datasheet
403Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3515-2 LUMBERG-3515-2 Datasheet
523Kb / 5P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3516-2 LUMBERG-3516-2 Datasheet
544Kb / 5P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-4 LUMBERG-3517-4 Datasheet
584Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3520-2 LUMBERG-3520-2_18 Datasheet
619Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3546 LUMBERG-3546_18 Datasheet
659Kb / 3P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3541-1 LUMBERG-3541-1_18 Datasheet
594Kb / 3P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3523-2 LUMBERG-3523-2 Datasheet
543Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3522-1 LUMBERG-3522-1_18 Datasheet
446Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
352300 LUMBERG-352300 Datasheet
492Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com