Electronic Components Datasheet Search
  English  ▼

X  

OM4004ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM4004ST
Description  10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4004ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM4004ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4004ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM4003ST - OM4007ST
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
MAXIMUM RATINGS
50
20
10
5
3
1
0.5
0
0.1
0.2
0.3
0.5
0.5
0.6
0.7
0.8
0.9
1
V
F - INSTANTANEOUS VOLTAGE (VOLTS)
150°C
175°C
100°C
T
J = 25°C
Typical Forward Voltage
10
1
0.1
0.01
20
40
60
80
100
120
V
R - REVERSE VOLTAGE (VOLTS)
T
J = 125°C
T
J = 150°C
T
J = 100°C
Typical Reverse Current
T
J = 25°C
Rating
Symbol
OM
Unit
4003
4004
4005
4006
4007
Peak Repetitive Reverse Voltage
V
RRM
60
70
80
90
100
Volts
Working Peak Reverse Voltage
V
RWM
DC Blocking Voltage
V
R
Average Rectified Forward Current (Rated V
R) TC = 100° C
I
F(AV)
10
Amps
Peak Repetitive Forward Current
I
FRM
20
Amps
(Rated V
R, Square Wave, 20 kHz) TC = 100° C
Nonrepetitive Peak Surge Current
I
FSM
150
Amps
(Surge applied at rated load conditions halfwave,
single phase, 60 Hz)
Peak Repetitive Reverse Surge Current (2 µs, 1 kHz)
I
RRM
0.5
Amps
Operating Junction Temperature
T
J
-65 to +150
° C
Storage Temperature
T
stg
-65 to +175
° C
THERMAL CHARACTERISTICS
Maximum Thermal Resistance
R
q
JC
3
° C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1)
V
F
Volts
(i
F = 10 Amp, TC = 125° C)
.725
(i
F = 10 Amp, TC = 25° C)
.825
Maximum Instantaneous Forward Reverse Current (1)
i
R
mA
(Related dc Voltage, T
C = 125° C)
150
(Related dc Voltage, T
C = 25° C)
5
(1) Pulse Test: Pulse Width = 300 µs, Duty Cycle 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com