Electronic Components Datasheet Search
  English  ▼

X  

OPF522 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF522
Description  5 MBd Fi ber Op tic Re ceiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF522 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF522 Datasheet HTML 1Page - OPTEK Technologies OPF522 Datasheet HTML 2Page - OPTEK Technologies OPF522 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Types OPF522
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
4.75
≤VCC ≤5.25, Fiber Sizes ≤100 Microns, N.A. ≤0.35, BER ≤10-9
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IOH
High Level Output Current
5
250
µA
VO = 18 V, PR < -40 dBm
VOL
Low Level Output Voltage
0.4
0.5
V
IO = 8 mA, PR > -24 dBm
ICCH
High Level Supply Current
3.5
6.3
mA
VCC = 5.25 V, PR < -40 dBm
ICCL
Low Level supply Current
6.2
10
mA
VCC = 5.25 V, PR > -24 dBm
PRH
Peak Input Power Level Logic HIGH
-40
dBm
λp = 840 nm(2)
0.1
µW
PRL
Peak Input Power Level Logic LOW
-25.4
-9.2
dBm
λp = 840 nm, IOL = 8 mA(2)
2.9
120
µW
-24
-10
dBm
-40
o C ≤TA ≤+85o C
4.0
100
µW
tPLHR
Propagation Delay LOW to HIGH
65
ns
PR = -21 dBm, Data Rate = 5 MBd
tPHLR
Propagation Delay HIGH to LOW
49
ns
Notes:
(1) 8 mA load (5 x 1.6 mA), RL = 560
Ω.
(2) Measured at the end of 100/140
µm fiber cable with a large area detector.
8-101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com