Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 58 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 58 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 62Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
Rev. 1.10
58
De�e��e� 1�� �01�
Rev. 1.10
59
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Bit3~2
PAS03~PAS02:PA1Pin-sharedfunctionselection
00:PA1
01:PA1
10:D+
11:AN0
Bit1~0
PAS01~PAS00:PA0Pin-sharedfunctionselection
00:PA0
01:PA0
10:VREFforUSBAutoDetectorDACinputreferencevoltage
11:VREFforADCandUSBAutoDetectorDACinputreferencevoltage
PAS1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PAS17
PAS1�
PAS15
PAS14
PAS1�
PAS1�
PAS11
PAS10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAS17~PAS16:PA7Pin-sharedfunctionselection
00:PA7
01:PA7
10:A1P
11:AN6
Bit5~4
PAS15~PAS14:PA6Pin-sharedfunctionselection
00:PA6/INT0/STPI
01:PA6/INT0/STPI
10:PA6/INT0/STPI
11:AN5
Bit3~2
PAS13~PAS12:PA5Pin-sharedfunctionselection
00:PA5/STCK
01:PA5/STCK
10:PA5/STCK
11:AN4
Bit1~0
PAS11~PAS10:PA4Pin-sharedfunctionselection
00:PA4
01:STP
10:PA4
11:AN3
PBS0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PBS07
PBS0�
PBS05
PBS04
PBS0�
PBS0�
PBS01
PBS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PBS07~PBS06:PB3Pin-sharedfunctionselection
00:PB3
01:PTP0B
10:PB3
11:PB3
Bit5~4
PBS05~PBS04:PB2Pin-sharedfunctionselection
00:PB2
01:PTP0
10:PB2
11:PB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com