Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 138 page
background image
Rev. 1.10
11�
De�e��e� 1�� �01�
Rev. 1.10
11�
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Bit2
MF2E:Multi-function2interruptcontrol
0:Disable
1:Enable
Bit1
MF1E:Multi-function1interruptcontrol
0:Disable
1:Enable
Bit0
INT1E:INT1interruptcontrol
0:Disable
1:Enable
MFI0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
STMAF
STMPF
—
—
STMAE
STMPE
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
STMAF:STMComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
STMPF:STMComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3~2
Unimplemented,readas"0"
Bit1
STMAE:STMComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit0
STMPE:STMComparatorPmatchinterruptcontrol
0:Disable
1:Enable
MFI1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
PTM0AF PTM0PF
—
—
PTM0AE PTM0PE
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
PTM0AF:PTM0ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
PTM0PF:PTM0ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3~2
Unimplemented,readas"0"
Bit1
PTM0AE:PTM0ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit0
PTM0PE:PTM0ComparatorPmatchinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com