Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 121 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 121 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 125Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
Rev. 1.10
1�0
De�e��e� 1�� �01�
Rev. 1.10
1�1
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Application Circuits
USB Auto
Detector
Rectifier/
Filter/
Regulator
QC2.0 :
(5V, 9V, 12V, 20V@2A)
10xIS
Vs
SenseIN
DAC
Isense
PGD
A1N
OPA0
OPA1
OVP
OCP
CH1
CH0 MUX
A1X
Vsense
CP0N
5V
VSS
PA4
PB0
PB7
PC0
PC3
5V
Current mode
PWM
controller
5V
LDO
HV
5V
HT45F5R Battery Charge (Support QC2.0 )
USB connector
USB+
D-
D+
USB-
510K
PA0
D-
D+
3V
QC2.0 detection
HV
VDD
PA6
PA7
PA5
0.1ohm
100K
100K
0.1uF
470
CMP1
CMP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com