Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 138Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 137 / 138 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�7
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
28-pin SSOP (150mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.��� BSC
—
B
—
0.154 BSC
—
C
0.008
—
0.01�
C’
—
0.�90 BSC
—
D
—
—
0.0�9
E
—
0.0�5 BSC
—
F
0.004
—
0.0098
G
0.01�
—
0.050
H
0.004
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
�.0 BSC
—
B
—
�.9 BSC
—
C
0.�0
—
0.�0
C’
—
9.9 BSC
—
D
—
—
1.75
E
—
0.��5 BSC
—
F
0.10
—
0.�5
G
0.41
—
1.�7
H
0.10
—
0.�5
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com