Electronic Components Datasheet Search
  English  ▼

X  

HT92122 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT92122
Description  Low Power OPAMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT92122 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT92122 Datasheet HTML 1Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 2Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 3Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 4Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 5Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 6Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 7Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 8Page - Holtek Semiconductor Inc HT92122 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 1.00
3
December 08, 2017
HT92112/HT92122
Electrical Characteristics
HT92112
Unlessotherwiseindicated,
VDD=1.4V~5.5V,VSS=GND,Ta=25°C,VCM=VDD/2,VOUT=VDD/2,VL=VDD/2,RL=1MΩtoVL
Symbol Parameters
Conditions
Min.
Typ.
Max.
Unit
Input Characteristics
VOS
Input Offset Voltage
VCM=VSS
-3
—
3
mV
ΔVOS/ΔTA Input Offset Voltage Drift with
Temperature
VCM=VSS, Ta=-40°C ~ 85°C
—
±2
—
μV/°C
IB
Input Bias Current
Ta=25°C
—
1
—
pA
IOS
Input Offset Current
Ta=25°C
—
1
—
pA
ZCM
Common Mode Input Impedance
—
—
1013||6
—
Ω||pF
ZDIFF
Differential Input Impedance
—
—
1013||6
—
VCML
Common Mode Input Voltage Range
Low
—
—
—
VSS-0.3
V
VCMH
Common Mode Input Voltage Range
High
—
VDD+0.3
—
—
CMRR
Common Mode Rejection
VDD=5V, VCM=-0.3V to 5.3V
62
80
—
dB
VDD=5V, VCM=2.5V to 5.3V
60
75
—
VDD=5V, VCM=-0.3V to 2.5V
60
80
—
PSRR
Power Supply Rejection
VCM=VSS
70
85
—
dB
AOL
DC Open-Loop Gain
(Large Signal)
RL=50kΩ to VL, VOUT=0.1V
to VDD -0.1V
95
115
—
dB
Output Characteristics
VOL
Minimum Output Voltage Swing
RL=50kΩ to VL , 0.5V input
overdrive
—
—
VSS+10
mV
VOH
Maximum Output Voltage Swing
RL=50kΩ to VL , 0.5V input
overdrive
VDD-10
—
—
VOVR
Linear Region Output Voltage Swing RL=50kΩ to VL , AOL ≥ 95dB VSS+100
—
VDD-100
mV
ISC
Output Short Circuit Current
VDD=1.4V
—
2
—
mA
VDD=5.5V
25
30
—
mA
Power Supply
—
Supply Voltage
—
1.4
—
5.5
V
IQ
Quiescent Current per Amplifier
IOUT=0, Ta=25°C
0.3
0.6
1.0
μA
Temperature
Ta
Operating Temperature Range
—
-40
—
85
°C
Dynamic Response (CL=60pF)
GBWP
Gain Bandwidth Product
—
7
14
—
kHz
SR
Slew Rate
—
1
3
—
V/ms
PM
Phase Margin
G=+1V/V
45
60
—
degree
Noise (CL=60pF)
Eni
Input Noise Voltage
f=0.1Hz to 10Hz
—
8
12
μVP-P
eni
Input Noise Voltage Density
f=1kHz
—
180
350
nV/ √ Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com