Electronic Components Datasheet Search
  English  ▼

X  

HT92632 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT92632
Description  High Precision OPAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT92632 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT92632 Datasheet HTML 1Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 2Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 3Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 4Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 5Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 6Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 7Page - Holtek Semiconductor Inc HT92632 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 1.00
2
October 11, 2017
HT92632/HT92652
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Pin Description
Pin Number
Pin Name
Description
1
1OUT
Output – OPA1
2
1IN-
Inverting Input – OPA1
3
1IN+
Non-inverting Input – OPA1
4
VSS
Negative Power Supply
5
2IN+
Non-inverting Input – OPA2
6
2IN-
Inverting Input – OPA2
7
2OUT
Output – OPA2
8
VDD
Positive Power Supply
Selection Table
Device
Name
Amplifiers Operating
Voltage
Gain Bandwidth
(Typ.)
VOS (Typ.) ΔVOS/ΔTA (Typ.) Slew Rate
(Typ.)
Package
Type
HT92632
2
2.0V~5.5V
300kHz
15μV
50nV
0.15V/μs
8SOP/MSOP
HT92652
2
2.0V~5.5V
1.5MHz
10μV(Max.)
50nV(Max.)
0.5V/μs
8SOP/MSOP
Absolute Maximum Ratings
SupplyVoltage.................................VSS-0.3Vto6.0V
InputVoltage...........................VSS-0.3VtoVDD+0.3V
StorageTemperature.......................... -50°Cto150°C
OperatingTemperature........................ -40°Cto85°C
IOLTotal............................................................. 80mA
IOHTotal............................................................ -80mA
TotalPowerDissipation................................. 500mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com