Electronic Components Datasheet Search
  English  ▼

X  

RAME033 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAME033
Description  Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAME033 Datasheet(HTML) 2 Page - Vishay Siliconix

  RAME033 Datasheet HTML 1Page - Vishay Siliconix RAME033 Datasheet HTML 2Page - Vishay Siliconix RAME033 Datasheet HTML 3Page - Vishay Siliconix RAME033 Datasheet HTML 4Page - Vishay Siliconix RAME033 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RAME033, RAME037
www.vishay.com
Vishay MCB
Revision: 10-Mar-17
2
Document Number: 32540
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM SPEED VS. ACCURACY CHART
PERFORMANCE
PARAMETER
Operating temperature range
-46 °C to +105 °C (-46 °C to +115 °C on request)
Storage temperature range
-54 °C to +105 °C (-54 °C to +115 °C on request)
Vibration
14.8 grms, 10 Hz to 2000 Hz for 20 min along the three major axis
Shock
50 g, 11 ms, 1/2 sine, 3 shocks along the three axis
DIMENSIONS in millimeters
RAME033
0.001
0.01
0.1
110
Axis Title
Accuracy (°)
10 000
1000
100
10
1
40°
(x 2) M2
1.2
Cable 6 wires 32AWG
Length: 300
A
Detail A
6:1
1
B
(x 4) Ø 4
2.7
8.1
13.3 max.
E
Tolerance: ± 0.05
View B
1.5:1
Ø 2 ± 0.2
7.9
2.95
±
0.1
View E
1.5:1
4.
6
1
+0.0
5
0
21°
+1°
-0°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com