Electronic Components Datasheet Search
  English  ▼

X  

UFPMA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UFPMA
Description  Displacement Sensor, Ultra Flat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFPMA Datasheet(HTML) 3 Page - Vishay Siliconix

  UFPMA Datasheet HTML 1Page - Vishay Siliconix UFPMA Datasheet HTML 2Page - Vishay Siliconix UFPMA Datasheet HTML 3Page - Vishay Siliconix UFPMA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UFPMA, UFPMC
www.vishay.com
Vishay MCB
Revision: 15-Dec-17
3
Document Number: 32514
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
The voltage varies according to the position of the presser on the deformable membrane.
OPTIONS (on request)
• Other presser
SPECIFIC VERSIONS (on request)
• Other electrical or mechanical characteristics
• Other bases
• Integration in equipment
• Other versions: outdoor design, ...
• Integration in equipment (flat flex cable, contacts,
connector, ...)
OPERATING DESCRIPTION
F
Yellow
Red
Green
Ø 4.3
Customer support
Presser “A”
SPECIFIC UFPMA CHARACTERISTICS
THEORETICAL ELECTRICAL
TRAVEL (TET) (mm)
DISSIPATION AT +40 °C
(W)
ELECTRICAL CONTINUITY TRAVEL (ECT)
(mm)
FILM LENGTH
(mm)
50
 0.5
54
75
100
 1.0
104
125
150
 1.5
154
175
200
 2.0
204
225
250
 2.5
254
275
Presser
Insert
Collector / track contact
Support membrane
(resistive track)
Deformable membrane
(collector)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com