Electronic Components Datasheet Search
  English  ▼

X  

PE3C3097 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3097
Description  10-32 Male to BNC Male Cable Using LMR-100 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3097 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3097 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3097 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3097 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3097 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Weight
0.038 lbs [17.24 g]
Cable
Cable Type
LMR-100A
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.11 in [2.79 mm]
.
One Time Minimum Bend Radius
0.25 in [6.35 mm]
Repeated Minimum Bend Radius
1 in [25.4 mm]
Bending Moment
0.1 lbs-ft [0.14 N-m]
Flat Plate Crush
10 lbs/in [0.18 Kg/mm]
Tensile Strength
15 lbs [6.8 Kg]
Connectors
Description
Connector 1
Connector 2
Type
10-32 Male
BNC Male
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30 µin minimum
50µ in. minimum
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100 µin minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100 µin minimum
100µ in. minimum
Hex Size
1/4 inch
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE3C3097 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Male to BNC Male Cable Using LMR-100 Coax PE3C3097
RF Cable Assemblies Technical Data Sheet
PE3C3097
10-32 Male to BNC Male Cable Using LMR-100 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com