Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU300LE Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC755CVGU300LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU300LE Datasheet(HTML) 3 Page - ATMEL Corporation

  PC755CVGU300LE Datasheet HTML 1Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 2Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 3Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGU300LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
PC755/745
2138D–HIREL–06/03
General Parameters
The following list provides a summary of the general parameters of the PC755:
Features
This section summarizes features of the PC755’s implementation of the PowerPC archi-
tecture. Major features of the PC755 are as follows:
•
Branch Processing Unit
–
Four instructions fetched per clock
–
One branch processed per cycle (plus resolving 2 speculations)
–
Up to 1 speculative stream in execution, 1 additional speculative stream in
fetch
–
512-entry branch history table (BHT) for dynamic prediction
–
64-entry, 4-way set associative Branch Target Instruction Cache (BTIC) for
eliminating branch delay slots
•
Dispatch Unit
–
Full hardware detection of dependencies (resolved in the execution units)
–
Dispatch two instructions to six independent units (system, branch,
load/store, fixed-point unit 1, fixed-point unit 2, floating-point)
–
Serialization control (predispatch, postdispatch, execution serialization)
•
Decode
–
Register file access
–
Forwarding control
–
Partial instruction decode
•
Completion
–
6 entry completion buffer
–
Instruction tracking and peak completion of two instructions per cycle
–
Completion of instructions in program order while supporting out-of-order
instruction execution, completion serialization and all instruction flow
changes
•
Fixed Point Units (FXUs) that share 32 GPRs for Integer Operands
–
Fixed Point Unit 1 (FXU1)-multiply, divide, shift, rotate, arithmetic, logical
–
Fixed Point Unit 2 (FXU2)-shift, rotate, arithmetic, logical
Technology
0.22 µm CMOS, six-layer metal
Die size
6.61 mm x 7.73 mm (51 mm
2)
Transistor count
6.75 million
Logic design
Fully-static Packages
PC745
Surface mount 255 Plastic Ball Grid Array (PBGA)
PC755
Surface mount 360 Plastic Ball Grid Array (PBGA)
Surface mount 360 Ceramic Ball Grid Array (CI-CGA, CBGA,
HiTCE)
Core power supply
2V ± 100 mV DC (nominal; some parts support core voltages
down to 1.8V; see Table 5 for recommended operating
conditions)
I/O power supply
2.5V ± 100 mV DC or 3.3V ± 165 mV DC (input thresholds are
configuration pin selectable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com