Electronic Components Datasheet Search
  English  ▼

X  

PCF8591T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8591T
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8591T Datasheet HTML 9Page - NXP Semiconductors PCF8591T Datasheet HTML 10Page - NXP Semiconductors PCF8591T Datasheet HTML 11Page - NXP Semiconductors PCF8591T Datasheet HTML 12Page - NXP Semiconductors PCF8591T Datasheet HTML 13Page - NXP Semiconductors PCF8591T Datasheet HTML 14Page - NXP Semiconductors PCF8591T Datasheet HTML 15Page - NXP Semiconductors PCF8591T Datasheet HTML 16Page - NXP Semiconductors PCF8591T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2003 Jan 27
13
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
8.3
System configuration
A device generating a message is a ‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls
the message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’.
8.4
Acknowledge
The number of data bytes transferred between the start and stop conditions from transmitter to receiver is not limited.
Each data byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by
the transmitter whereas the master also generates an extra acknowledge related clock pulse. A slave receiver which is
addressed must generate an acknowledge after the reception of each byte. Also a master must generate an
acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that
acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW
during the HIGH period of the acknowledge related clock pulse. A master receiver must signal an end of data to the
transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the
transmitter must leave the data line HIGH to enable the master to generate a stop condition.
MBA605
MASTER
TRANSMITTER /
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER /
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER /
RECEIVER
SDA
SCL
Fig.14 System configuration.
Fig.15 Acknowledgement on the I2C-bus.
handbook, full pagewidth
MBC602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com