Electronic Components Datasheet Search
  English  ▼

X  

PI3C32160 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C32160
Description  3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C32160 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C32160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8453F
03/09/01
PI3C32160
3.3V,HighBandwidth,16:32-Bit,
PCIHot-PlugMux/DemuxBusSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
.002
.006
SEATING PLANE
.007
.011
.004
.008
1
56
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.547
.555
13.9
14.1
.319
8.1
.0197
BSC
BSC
56-Pin TSSOP (A) Package
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Ph
t
d
i
We
r
u
t
a
r
e
p
m
e
T
A
0
6
1
2
3
C
3
I
P)
A
(
P
O
S
S
T
-
6
5li
m
-
0
4
2C
°
5
8
o
t
C
°
0
ApplicationsInformation
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the output enables
or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS devices. It is recommended to always apply VCC before applying signals
to input/output or control pins.
Hot Insertion
For Datacom and Telecom applications that have 10 or more volts passing through the backplane or system bus, a high voltage from the
powersupplymaybeseenatthedeviceinputpinsduringHotInsertion.ThePI3Cxxxdeviceshavemaximumlimitsof5.5Vand120mAfor
20ns. If the power is higher or applied for a longer period of time or repeatedly reaches the maximum limits, the devices can be damage.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com