Electronic Components Datasheet Search
  English  ▼

X  

DWX Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWX
Description  Power DomiLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWX Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWX Datasheet HTML 1Page - DOMINANT Semiconductors DWX Datasheet HTML 2Page - DOMINANT Semiconductors DWX Datasheet HTML 3Page - DOMINANT Semiconductors DWX Datasheet HTML 4Page - DOMINANT Semiconductors DWX Datasheet HTML 5Page - DOMINANT Semiconductors DWX Datasheet HTML 6Page - DOMINANT Semiconductors DWX Datasheet HTML 7Page - DOMINANT Semiconductors DWX Datasheet HTML 8Page - DOMINANT Semiconductors DWX Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AlInGaP : DWx
Vf Bining (Optional)
Forward Voltage (V)
Vf @ If = 50mA
50
51
52
53
54
1.7 ... 2.0
2.0 ... 2.3
2.3 ... 2.6
2.6 ... 2.9
2.9 ... 3.2
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
Please consult sales and marketing for special part number to incorporate Vf binning.
P1
P2
Q1
Q2
R1
R2
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
45.0 ... 56.0
56.0 ... 71.5
71.5 ... 90.0
90.0 ... 112.5
112.5 ... 140.0
140.0 ... 180.0
180.0 ... 224.0
224.0 ... 285.0
285.0 ... 355.0
355.0 ... 450.0
450.0 ... 560.0
560.0 ... 715.0
715.0 ... 900.0
900.0 ... 1125.0
1125.0 ... 1400.0
1400.0 ... 1800.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
Luminous intensity is measured with an accuracy of ± 11%.
04/09/2014 V18.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com