| Electronic Components Datasheet Search |
|
PC755CMGHU366LE Datasheet(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CMGHU366LE Datasheet(HTML) 46 Page - ATMEL Corporation |
|
46 / 50 page ![]() 46 PC755/745 2138D–HIREL–06/03 In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB, feeding the V DD, L2OVDD, and OV vplanes, to enable quick recharging of the smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating to ensure the quick response time necessary. They should also be connected to the power and ground planes through two vias to minimize inductance. Suggested bulk capacitors – 100-330 µF (AVX TPS tantalum or Sanyo OSCON). Connection Recommendations To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal level through a resistor. Unused active low inputs should be tied to OV DD. Unused active high inputs should be connected to GND. All NC (no-connect) sig- nals must remain unconnected. Power and ground connections must be made to all external V DD, OVDD, L2OVDD, and GND pins of the PC755. Output Buffer DC Impedance The PC755 60x and L2 I/O drivers are characterized over process, voltage, and temper- ature. To measure Z 0, an external resistor is connected from the chip pad to (L2)OVDD or GND. Then, the value of each resistor is varied until the pad voltage is (L2)OV DD/2 (See Figure 33). The output impedance is the average of two components, the resistances of the pull-up and pull-down devices. When Data is held low, SW2 is closed (SW1 is open), and R N is trimmed until the voltage at the pad equals (L2)OV DD/2. R N then becomes the resistance of the pull-down devices. When Data is held high, SW1 is closed (SW2 is open), and R P is trimmed until the voltage at the pad equals (L2)OV DD/2. R P then becomes the resis- tance of the pull-up devices. NO TAG describes the driver impedance measurement circuit described above. Figure 32. Driver Impedance Measurement Circuit (L2)OVDD OGND RP RN Pad Data SW1 SW2 (L2)OVDD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |