Electronic Components Datasheet Search
  English  ▼

X  

GS2AFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GS2AFL
Description  2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS2AFL Datasheet(HTML) 1 Page - Micro Commercial Components

  GS2AFL Datasheet HTML 1Page - Micro Commercial Components GS2AFL Datasheet HTML 2Page - Micro Commercial Components GS2AFL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS
2AFL
THRU
GS
2MFL
2.0 Amp Glass
Passivated Rectifier
50 to 1000 Volts
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 13
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS2AFL
GS2A
50V
35V
50V
GS2BFL
GS2B
100V
70V
100V
GS2DFL
GS2D
200V
140V
200V
GS2GFL
GS2G
400V
280V
400V
GS2JFL
GS2J
600V
420V
600V
GS2KFL
GS2K
800V
560V
800V
GS2MFL
GS2M
1000V
700V
1000V
Electrical Characteristics @ 25
℃ Unless Otherwise Specified
Average Forward
current
IF(AV)
2.0A
TL = 110
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
125
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Extremely Low Thermal Resistance
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Revision:
E
2017/12/28





Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Note 1: High Temperature Solder Exemptions Applied, see EU Directive Annex 7
a.
www.mccsemi.com
1 of
3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.

.047
0.90
1.20
E
.0

.



C
.004
.01

0.10
0.

D
.0

.

.

E
.173
.2

4.40
5.

(
.126
.

3.20

/
.028
.0

0
1.

SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
DO-221AC
•
Halogen free available upon request by adding suffix "-HF"
Features
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
R
Maximum Reverse
Recovery Time
Trr
2.1us(Typ.)
4us(Max)
IF=0.5A, IR=1.0A,
Irr=0.25A


Similar Part No. - GS2AFL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2AF ETC2-GS2AF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS2AF CHENDA-GS2AF Datasheet
628Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS2AF SUNMATE-GS2AF Datasheet
1Mb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results

Similar Description - GS2AFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
GP20A MCC-GP20A Datasheet
80Kb / 3P
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2A-L MCC-GS2A-L Datasheet
236Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
DB201L MCC-DB201L Datasheet
456Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
2KBP005 MCC-2KBP005_17 Datasheet
211Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2A-L MCC-GS2A-L_17 Datasheet
405Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
S2A-L MCC-S2A-L_14 Datasheet
114Kb / 4P
2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com