Electronic Components Datasheet Search
  English  ▼

X  

RL251GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RL251GP
Description  2.5 Amp Glass Passivated Rectifier 50-1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RL251GP Datasheet(HTML) 1 Page - Micro Commercial Components

  RL251GP Datasheet HTML 1Page - Micro Commercial Components RL251GP Datasheet HTML 2Page - Micro Commercial Components RL251GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R-3
MIN
MAX
MIN
MAX
A
-----
0.160
-----
4.10
B
-----
0.160
-----
4.10
C
0.040
0.042
1.01
1.07
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
Features
A=55
oC with no thermal runaway
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance; 25
oC/W Junction To Lead
RL251GP
---
50V
35V
50V
RL252GP
---
100V
70V
100V
RL253GP
---
200V
140V
200V
RL254GP
---
400V
280V
400V
RL255GP
---
600V
420V
600V
RL256GP
---
800V
560V
800V
RL257GP
---
1000V
700V
1000V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
*Pulse test: Pulse width 300 sec, Duty cycle 1%
RL251GP
THRU
RL257GP
2.5 Amp Glass
Passivated Rectifier
50-1000 Volts
Average Forward Current
I F(AV)
2.5A
T A=55
o C
Peak Forward Surge
Current
IFSM
70A
8.3mS Sina
half
Maximum Instantaneous
Forward Voltage
V F
1.1V
TA =25
o C,
I F=2.5A
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
I R
5.0uA
50uA
T A=25
o C
TA=100
o C
Typical Junction
Capacitance
C J
40pF
Measured at
1.0MHz;
V R =4.0V
A
B
D
D
C
Cathode Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
2.5 ampere operation at T
•
Glass passivated junction in R-3 package
www.mccsemi.com
1 of 3
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - RL251GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RL251GP MCC-RL251GP Datasheet
112Kb / 2P
2.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Shanghai Lunsure Electr...
RL251GP CHENYI-RL251GP Datasheet
70Kb / 2P
2.5Amp glass passivated rectifier 50-1000 volts
logo
Micro Commercial Compon...
RL251GP MCC-RL251GP Datasheet
396Kb / 3P
2.5 Amp Glass Passivated Rectifier 50-1000 Volts
RL251GP MCC-RL251GP_11 Datasheet
396Kb / 3P
2.5 Amp Glass Passivated Rectifier 50-1000 Volts
More results

Similar Description - RL251GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
RL251GP MCC-RL251GP Datasheet
112Kb / 2P
2.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5400GP MCC-1N5400GP_11 Datasheet
445Kb / 4P
3 Amp Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
RL251GP MCC-RL251GP_11 Datasheet
396Kb / 3P
2.5 Amp Glass Passivated Rectifier 50-1000 Volts
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5400GP MCC-1N5400GP_13 Datasheet
464Kb / 4P
3 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com