Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU400LE Datasheet(PDF) 44 Page - ATMEL Corporation

Part # PC755CVGU400LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU400LE Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button PC755CVGU400LE Datasheet HTML 40Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 41Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 42Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 43Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 44Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 45Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 46Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 47Page - ATMEL Corporation PC755CVGU400LE Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
44
PC755/745
2138D–HIREL–06/03
The PC755 generates the clock for the external L2 synchronous data SRAMs by divid-
ing the core clock frequency of the PC755. The divided-down clock is then phase-
adjusted by an on-chip delay-lock-loop (DLL) circuit and should be routed from the
PC755 to the external RAMs. A separate clock output, L2SYNC_OUT is sent out half
the distance to the SRAMs and then returned as an input to the DLL on pin L2SYNC_IN
so that the rising-edge of the clock as seen at the external RAMs can be aligned to the
clocking of the internal latches in the L2 bus interface.
The core-to-L2 frequency divisor for the L2 PLL is selected through the L2CLK bits of
the L2CR register. Generally, the divisor must be chosen according to the frequency
supported by the external RAMs, the frequency of the PC755 core, and the phase
adjustment range that the L2 DLL supports. Figure 18 shows various example L2 clock
frequencies that can be obtained for a given set of core frequencies. The minimum L2
frequency target is 80 MHz.
Note:
The core and L2 frequencies are for reference only. Some examples may repre-
sent core or L2 frequencies which are not useful, not supported, or not tested
for by the PC755; see Section “L2 Clock AC Specifications” page 28 for valid
L2CLK frequencies. The L2CR[L2SL] bit should be set for L2CLK frequencies
less than 110 MHz.
System Design
Information
PLL Power Supply Filtering
The AV
DD and L2AVDD power signals are provided on the PC755 to provide power to the
clock generation phase-locked loop and L2 cache delay-locked loop respectively. To
ensure stability of the internal clock, the power supplied to the AV
DD input signal should
be filtered of any noise in the 500 kHz to 10 MHz resonant frequency range of the PLL.
A circuit similar to the one shown in Figure 31 using surface mount capacitors with mini-
mum Effective Series Inductance (ESL) is recommended. Consistent with the
recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook of
Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recom-
mended over a single large value capacitor.
Table 19. Sample Core-to-L2 Frequencies
Core Frequency in MHz
1
1.5
2
2.5
3
250
250
166
125
100
83
266
266
177
133
106
89
275
275
183
138
110
92
300
300
200
150
120
100
325
325
217
163
130
108
333
333
222
167
133
111
350
350
233
175
140
117
366
366
244
183
146
122
375
375
250
188
150
125
400
400
266
200
160
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com