Electronic Components Datasheet Search
  English  ▼

X  

S10GL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S10GL
Description  Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10GL Datasheet(HTML) 1 Page - Micro Commercial Components

  S10GL Datasheet HTML 1Page - Micro Commercial Components S10GL Datasheet HTML 2Page - Micro Commercial Components S10GL Datasheet HTML 3Page - Micro Commercial Components S10GL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
x
Glass Passivated Chip
x
High Temp Soldering: 260qC for 10 Seconds At Terminals
S10AL
S10AL
50V
35V
50V
S10BL
S10BL
100V
70V
100V
S10DL
S10DL
200V
140V
200V
S10GL
S10GL
400V
280V
400V
S10JL
S10JL
600V
420V
600V
S10KL
S10KL
800V
560V
800V
S10ML
S10ML
1000V
700V
1000V
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
TC = 75qC
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 10.0A;
TJ = 25qC*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10PATJ = 25qC
*Pulse test: Pulse width 200 Psec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note1
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
x
Operating Temperature: -55qC to +150qC
x
Storage Temperature: -55qC to +150qC
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
x
Maximum Thermal Resistance; 18qC/W Junction To Lead
Revision: E
2017/04/12
www.mccsemi.com
1 of 4
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
0.125”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.060
0.76
1.52
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
0.070”
0.190
A
B
C
Rectifier
50 - 1000 Volts
10 Amp Surface Mount
Glass Passivated
S10AL
THRU
S10ML
SMC (DO-214AB)
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
Micro Commercial Components
M C C
R
Typical Thermal Resistance: 17°C/W Junction to Case
47°C/W Junction to Ambient
13°C/W Junction to Lead
I t Rating for fusing
2
I t
2
(t<8.3ms)
166A2S


Similar Part No. - S10GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10G MCC-S10G Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10G MCC-S10G Datasheet
300Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Semiconducto...
S10G CHENDA-S10G Datasheet
810Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S10G YFWDIODE-S10G Datasheet
522Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S10G MCC-S10G Datasheet
230Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S10GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ10005 MCC-GBJ10005_10 Datasheet
110Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_11 Datasheet
213Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
S8AL MCC-S8AL Datasheet
217Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05 MCC-SMLJ60S05 Datasheet
217Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
GBJL10005 MCC-GBJL10005 Datasheet
257Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
SMLJ60S5 MCC-SMLJ60S5 Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8M-LTP MCC-S8M-LTP Datasheet
240Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05-TP MCC-SMLJ60S05-TP Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
10A01GP MCC-10A01GP Datasheet
472Kb / 3P
10 Amp Rectifier 50 to 1000 Volts Glass Passivated
S8AL MCC-S8AL_14 Datasheet
194Kb / 3P
Rectifier 50 - 1000 Volts 8 Amp Surface Mount Glass Passivated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com