Electronic Components Datasheet Search
  English  ▼

X  

ST40120CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ST40120CT
Description  40 Amp Ultra Low VF Schottky Barrier Rectifier 120 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ST40120CT Datasheet(HTML) 1 Page - Micro Commercial Components

  ST40120CT Datasheet HTML 1Page - Micro Commercial Components ST40120CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
40A
TC = 110°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
1
20V
84V
1
20V
ST40120CT
PIN 1
PIN 3
PIN 2
CASE
TO-220AB
40 Amp Ultra Low VF
Schottky Barrier
Rectifier
1
20 Volts
ST40120CT
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
Revision:
A
20
17/05/05
www.mccsemi.com
1 of
2
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%   !"#
Maximum Ratings
•
•
•
•
•
High surge forward current capability
Low power loss, High efficiency
Trench Mos schottky technology
Halogen free available upon request by adding suffix "-HF"
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Maximum Thermal Resistance Junction to Case : 2.0
oC/W
Current Squared Time
I2
t
260A2S 1ms≤t<8.3ms
Tj=25
℃,Rating
of per diode
Micro Commercial Components
M C C
R
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.42
9
9.65
10.
90
C
.140
.
200
3.56
5.10
D
.020
.045
0.51
1.14
F
.13
1
.1
70
3.
34
4.
31
∅
G
.
079
.1
21
2.
01
3.07
H
---
.250
---
6.35
J
.01
1
.025
0.
28
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.1
58
.
242
4.
02
6.14
Q
.
087
.135
2.
22
3.43
R
.080
.1
26
2.04
3.19
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
Symbol
Parameter
Typ
Max
Units
VBR
(IR=1
.0mA)
IR
Reverse Current
Per Diode@120V
µAdc
122
Vdc
Min
VF
Forward Voltage
Per Diode
Vdc
---
-
---
-
(IF=
20A,TA=25oC)
(IF=
20A,TA=125oC)
0.
78
---
-
0.85
0.
63
---
-
0.70
200
mAdc
Breakdown Voltage
(NOTE 3)
(NOTE 2)
(NOTE 3)
2. Pulse test: 300us pulse width, 1%duty cycle.
3. Pulse test: Pulse width≤40ms.
20
(
Tj=25oC)
(
Tj=125oC)


Similar Part No. - ST40120CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST40120C SMC-ST40120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40120C SMCDIODE-ST40120C Datasheet
340Kb / 6P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - ST40120CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR12120LPS MCC-MBR12120LPS Datasheet
247Kb / 2P
12 Amp Low VF Schottky Barrier Rectifier 120 Volts
SBLB1040 MCC-SBLB1040 Datasheet
239Kb / 2P
10 Amp Low VF Schottky Barrier Rectifier 40 Volts
SL14A MCC-SL14A Datasheet
374Kb / 3P
1 Amp Low VF Schottky Rectifier 40~100 Volts
SL24A MCC-SL24A Datasheet
395Kb / 3P
2 Amp Low VF Schottky Rectifier 40~100 Volts
SL34AFL MCC-SL34AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34B MCC-SL34B Datasheet
423Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL36AFL MCC-SL36AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL54 MCC-SL54_16 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
SMD34LHE1 MCC-SMD34LHE1 Datasheet
357Kb / 2P
3 Amp Low VF Schottky Rectifier 40 Volts
STU40100CT MCC-STU40100CT Datasheet
311Kb / 2P
40 Amp Ultra Low VF Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com