Electronic Components Datasheet Search
  English  ▼

X  

PSS9013G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSS9013G
Description  20 V NPN general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9013G Datasheet(HTML) 2 Page - NXP Semiconductors

  PSS9013G Datasheet HTML 1Page - NXP Semiconductors PSS9013G Datasheet HTML 2Page - NXP Semiconductors PSS9013G Datasheet HTML 3Page - NXP Semiconductors PSS9013G Datasheet HTML 4Page - NXP Semiconductors PSS9013G Datasheet HTML 5Page - NXP Semiconductors PSS9013G Datasheet HTML 6Page - NXP Semiconductors PSS9013G Datasheet HTML 7Page - NXP Semiconductors PSS9013G Datasheet HTML 8Page - NXP Semiconductors PSS9013G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Aug 10
2
Philips Semiconductors
Product specification
20 V NPN general purpose transistors
PSS9013 series
FEATURES
• High power dissipation: 710 mW
• Low collector capacitance
• Low collector-emitter saturation voltage
• High current capability.
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN general purpose transistor in a SOT54 (TO-92)
leaded plastic package. PNP complement:
PSS9012 series.
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
PSS9013G
S9013G
PSS9013H
S9013H
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
20
V
IC
collector current (DC)
500
mA
ICM
peak collector current
1
A
PIN
DESCRIPTION
1
collector
2
base
3
emitter
handbook, halfpage1
3
2
MAM279
1
2
3
Fig.1
Simplified outline (SOT54; TO-92) and
symbol.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated and standard footprint.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCEO
collector-emitter voltage
open base
−
20
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
500
mA
ICM
peak collector current
−
1A
IBM
peak base current
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
710
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com