Electronic Components Datasheet Search
  English  ▼

X  

RAC04-12SC Datasheet(PDF) 3 Page - Recom International Power

Part # RAC04-12SC
Description  Universal Input 80-264VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-12SC Datasheet(HTML) 3 Page - Recom International Power

  RAC04-12SC Datasheet HTML 1Page - Recom International Power RAC04-12SC Datasheet HTML 2Page - Recom International Power RAC04-12SC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RAC04-xxxC/230
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, full load after warm-up)
Load
VAC (L)
VAC (N)
Vout-
Vout+
L
N
Fuse 1A
47uF/50V
0.1uF/50V
Application Note:
1. Recommended external input fuse 1A/slow blow type.
2. To measure the output ripple & noise connect 0.1uF/50V & 47uF/50V @20MHz,
as close to pins as possible with nominal input and full load. Please see above.
100
0
Input Voltage (VAC)
80
115
100
230
20
40
60
80
90
264
SAFE OPERATING AREA
Package Style and Pinning
36.7
36.0
17.1
4.0
0.6
21.0
765
4
3
2
1
3.8
21.5
3.75x2
21.0
3.1
26.5
27.2
21.5
7.5
Primary
Isolation
Spacing
Secondary
Bottom View
Pin Connections
Pin #
Single Out
Dual Output
Dual Output
1
No Pin
No Pin
No Pin
2
+VDC out
+Vout
+Vout
3
-VDC out
Com
Com
4
NC
-Vout
+12V
5
VAC in (L)
VAC in (L)
VAC in (L)
6
VAC in (N)
VAC in (N)
VAC in (N)
7
*
NC
NC
NC
NC = No Connection
xx.x = ±0.5mm
xx.xx = ±0.25mm
* Pin 7 is NC but need 4mm minimum clearence to ground for safety.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-22
www.recom-power.com
REV: 0/2015



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com