Electronic Components Datasheet Search
  English  ▼

X  

RAC04-12SC Datasheet(PDF) 4 Page - Recom International Power

Part # RAC04-12SC
Description  50mW max. No Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-12SC Datasheet(HTML) 4 Page - Recom International Power

  RAC04-12SC Datasheet HTML 1Page - Recom International Power RAC04-12SC Datasheet HTML 2Page - Recom International Power RAC04-12SC Datasheet HTML 3Page - Recom International Power RAC04-12SC Datasheet HTML 4Page - Recom International Power RAC04-12SC Datasheet HTML 5Page - Recom International Power RAC04-12SC Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA-4
REV.: 3/2016
www.recom-power.com
AC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
RAC04-C/277
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
230VAC, with derating (see graph)
with suffix “-E”, with derating (see graph)
-25°C to +80°C
-40°C to +80°C
Maximum Case Temperature
90°C
Thermal Impedance
10°C / W
Humidity
non-condensing
95%, RH max.
MTBF (8)
MIL-HDBK-217F, +25°C
500 x 103 hours
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
automatic recovery
Isolation Voltage
I/P to O/P
3.75kVAC / 1 Minute
Isolation Resistance
100M
Ω min.
Leakage Current
277VAC / 50Hz
0.25mA max.
Notes:
Note5:
An external input fuse is recommended: T1A slow blow type
Note6:
To measure the output ripple and noise short runs by 0.1µF/50V & 47µF/50V @20MHz, nominal input and full load.
Note7:
An external MOV is required for 230VAC operation. (MOV model: shall comply with IEC 61051-2, e.g. Epcos S14 Series.
RAC04-05SC/277-(E)
MOV
FUSE
47µF/50V
0.1µF/50V
L
N
VACin (L)
VACin (N)
-Vout
+Vout
Load
60
70
65
80
90
100
50
40
30
20
10
0
-20
-25
0
20
40
60
50
80
100
Ambient Temperature (°C)
-40
60
70
65
80
90
100
50
40
30
20
10
0
-20
0
20
40
60
50
80
100
Ambient Temperature (°C)
with suffix „-E“
Derating Graph
Application Note



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com