Electronic Components Datasheet Search
  English  ▼

X  

RAC04-05DC Datasheet(PDF) 5 Page - Recom International Power

Part # RAC04-05DC
Description  50mW max. No Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-05DC Datasheet(HTML) 5 Page - Recom International Power

  RAC04-05DC Datasheet HTML 1Page - Recom International Power RAC04-05DC Datasheet HTML 2Page - Recom International Power RAC04-05DC Datasheet HTML 3Page - Recom International Power RAC04-05DC Datasheet HTML 4Page - Recom International Power RAC04-05DC Datasheet HTML 5Page - Recom International Power RAC04-05DC Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Potting Material
UL94V-0, black plastic
UL94V-0, Silicone
Package Dimension (LxWxH)
36.7 x 27.2 x 17.1mm
Package Weight
41g typ.
Bottom View
Recommended Footprint
7
7
5
5
2
2
3
3
4
4
6
6
1
1
Secondary
Primary
36.0
36.7
embossed logo
3.8
21.5
7.5
Ø0.9 ±0.1
3.75
15.9
2.54
3.75
Ø0.6
27.2
26.5
21.0
7.5
Leave
clear
of
PCB
traces
Isolation Spacing
Pin Connections
Pin #
Single
Dual
Dual (asymmetric)
2
+VDC out
+VDC out
+5V
3
-VDC out
Com
Com
4
NC
-VDC out
+12V
5
VAC in (L)
VAC in (L)
VAC in (L)
6
VAC in (N)
VAC in (N)
VAC in (N)
7
NC
NC
NC
NC=
no connection
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.35mm
Pin width:
±0.05mm
Dimension Drawing (mm)
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB Report
1310055-1-CB-M1
IEC-60950-1, 2nd Edition
EN General Safety
SPCLVD1310055-1-M1
EN-60950-1, 2nd Edition
UL General Safety
E224736-X1-A18
UL-60950-1, 2nd Edition, 2011
Canada General Safety
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition, 2011
Certificate Type (Environmental)
Report / File Number
Standard / Criterion
EMI Standard
Report: T160225D10-E
EN55022, Class B
EN55024
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Voltage dips and variations
Harmonic Current Emissions
Voltage flicker
Report: T160225D10-E
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
EN-61000-3-2
EN-61000-3-3
Vibration
MIL-STD-202G
Over Voltage Category
OVC II
PA-5
REV.: 3/2016
www.recom-power.com
AC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
RAC04-C/277
Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com