Electronic Components Datasheet Search
  English  ▼

X  

REC15-SD Datasheet(PDF) 2 Page - Recom International Power

Part # REC15-SD
Description  2kVDC And 3kVDC Isolation Options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-SD Datasheet(HTML) 2 Page - Recom International Power

  REC15-SD Datasheet HTML 1Page - Recom International Power REC15-SD Datasheet HTML 2Page - Recom International Power REC15-SD Datasheet HTML 3Page - Recom International Power REC15-SD Datasheet HTML 4Page - Recom International Power REC15-SD Datasheet HTML 5Page - Recom International Power REC15-SD Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi Network
Input Voltage Range
2:1 Input Voltage =
12VDC
24VDC
48VDC
9VDC
18VDC
36VDC
18VDC
36VDC
75VDC
4:1 Input Voltage =
24VDC
48VDC
9VDC
18VDC
36VDC
75VDC
Input Surge Voltage
100ms max.
nom. Input Voltage
12VDC
24VDC
48VDC
36VDC
50VDC
100VDC
Under Voltage Lockout (UVLO)
nom. Vin= 12VDC
(2:1 and 4:1 Input Types)
DC-DC ON
8.3VDC
DC-DC OFF
7.9VDC
nom. Vin= 24VDC
(2:1 and 4:1 Input Types)
DC-DC ON
17.4VDC
DC-DC OFF
16.7VDC
nom. Vin= 48VDC
DC-DC ON
35.7VDC
DC-DC OFF
34.3VDC
Input Current
2:1 Input Voltage =
9-18VDC
18-36VDC
36-75VDC
2A
1A
0.5A
4:1 Input Voltage =
9-36VDC
18-75VDC
2A
1A
Quiescent Current
20mA
Minimum Load
0%
Start-up time
25ms
Rise Time
200µs
Hold-up Time
200µs
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 3.5V<Vr<12V
0V<Vr<1.2V
Internal Operating Frequency
300kHz
Output Ripple and Noise (4)
20MHz BW
100mVp-p
continued on next page
ECO-2
REV.: 0/2017
www.recom-power.com
REC15-S_D(Z)/M
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
REC15-245.1SZ/H2/M
REC15-2412S/H2/M
Notes:
Note4: Measurements are made with a 100nF MLCC across output. (low ESR)
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
09Vin
12Vin
24Vin
36Vin
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
18Vin
24Vin
30Vin
36Vin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com