Electronic Components Datasheet Search
  English  ▼

X  

PT360 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT360
Description  COMPACT TYPE PHOTOTRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT360 Datasheet(HTML) 1 Page - Sharp Corporation

  PT360 Datasheet HTML 1Page - Sharp Corporation PT360 Datasheet HTML 2Page - Sharp Corporation PT360 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - PT360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
open drain output
logo
Prolific Technology Inc...
PT3601 PROLIFIC-PT3601 Datasheet
211Kb / 1P
High Sensitivity Latch Type Hall Sensor
logo
List of Unclassifed Man...
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
logo
Prolific Technology Inc...
PT3602 PROLIFIC-PT3602 Datasheet
216Kb / 1P
Internal Pull-High High Sensitivity Latch Hall Sensor
logo
List of Unclassifed Man...
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
More results

Similar Description - PT360

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
Phototransistor, side view type
logo
Sharp Corporation
PT4800 SHARP-PT4800 Datasheet
78Kb / 6P
Thin Type Phototransistor
PT600T SHARP-PT600T Datasheet
15Kb / 1P
Ultra-compact Chip Part Type Phototransistor
PT370 SHARP-PT370 Datasheet
191Kb / 5P
COMPACT, STEM TYPE PHOTOTRANSISTOR
logo
Omron Electronics LLC
SY171 OMRON-SY171 Datasheet
227Kb / 7P
Compact Reflective Phototransistor Output
logo
Sharp Corporation
PT361 SHARP-PT361 Datasheet
114Kb / 3P
COMPACT TYPE INTERMEDIATE ACCEPTANCE PHOTOTRANSISTOR
logo
CT Micro International ...
PTC93528T19 CTMICRO-PTC93528T19 Datasheet
876Kb / 9P
SMD Type Phototransistor
Rev 0 Jul, 2015
PTP73010T20 CTMICRO-PTP73010T20 Datasheet
952Kb / 10P
SMD Type Phototransistor
Rev 3 Jun, 2018
PTP81608T08 CTMICRO-PTP81608T08 Datasheet
1,002Kb / 10P
SMD Type Phototransistor
Rev 0 Jan, 2019
PTP81708T06 CTMICRO-PTP81708T06 Datasheet
906Kb / 10P
SMD Type Phototransistor
Rev 0 Sep, 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com