Electronic Components Datasheet Search
  English  ▼

X  

PT7708 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7708
Description  20 Amp Programmable Next Generation Big Hammer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7708 Datasheet(HTML) 2 Page - Texas Instruments

  PT7708 Datasheet HTML 1Page - Texas Instruments PT7708 Datasheet HTML 2Page - Texas Instruments PT7708 Datasheet HTML 3Page - Texas Instruments PT7708 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
Features
• Single-Device: +5V input
• 5-bit Programmable:
1.3V to 3.5V@20A
• High Efficiency
• Differential Remote Sense
• Short-Circuit Protection
• Parallelable with PT7743
20A “Current Booster”
PT7709 Performance, Vo = 3.3 VDC (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Ordering Information
PT7709
J
J
J
J
J = 1.3 to 3.5 Volts
(For dimensions and PC board layout,
see Package Styles 800 and 810.)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole A
Horizontal Surface Mount
C
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit is operating.
Safe Operating Area Curves (See Note B)
VIN =5.0V, Vo =3.3 VDC
Ripple vs Output Current
Note A:
All data in the above graphs has been developed from actual products tested at 25°C. The data is considered typical for the ISR
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT7709—5V
20 Amp Programmable
Next Generation “Big Hammer”
VIN =5.0V, Vo =1.8 VDC
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
5.0
10.0
15.0
20.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
4.0
8.0
12.0
16.0
20.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
50
60
70
80
90
100
0
4
8
121620
Iout (A)
3.3V
2.5V
1.8V
VOUT
0
10
20
30
40
50
0
4
8
12
16
20
Iout (A)
3.3V
2.5V
1.8V
VOUT
0
2
4
6
8
10
0
4
8
12
16
20
Iout (A)
1.8V
2.5V
3.3V
VOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com