Electronic Components Datasheet Search
  English  ▼

X  

3613 Datasheet(PDF) 2 Page - Lumberg

Part # 3613
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

3613 Datasheet(HTML) 2 Page - Lumberg

  3613 Datasheet HTML 1Page - Lumberg 3613 Datasheet HTML 2Page - Lumberg 3613 Datasheet HTML 3Page - Lumberg 3613 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36 3613
02/2018
2
*b
Environmental conditions
Temperature range
-40 °C/+125 °C (3613)
-40 °C/+130 °C (3613 M08) 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA GF, V-2 according to UL94 –
3613
PA GF, V-0 according to UL94 –
3613 M08 1
Contact spring
CuSn, tin-plated
Clamp
CuZn, nickel-plated
Screw
steel, zinc-plated and chromatiert
1
M08: component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment
acc. to IEC 60335-1 (flame < 2 s)
Mechanical data
Mating with
printed circuit board 1.5 ± 0.14 mm
Insertion force/contact
≤ 4,0 N
Withdrawal force/contact
≥ 1,0 N
Tightening torque screw
0,5 Nm
Keying proposals
at www.lumberg.com �
at www.lumberg.com �
Connectable conductors for screw clamp
Section stranded wire
0,14–2,5 mm² (AWG 26–14)
Section stranded wire with sleeve
0,25–2,5 mm² (AWG 24–14)
Section solid wire
0,14–4,0 mm² (AWG 26–12)
Stripping length
8 ± 1 mm
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
6 A (T<sub>U</sub> 70 °C)
Rated voltage
630 V AC (VDE)/250 V DC (UL,
CSA) – 3613
320 V AC (VDE)/250 V DC (UL,
CSA) – 3613 M08
Material group
I (IEC)/0 (UL) (CTI ≥ 600) – 3613
IIIa (IEC)/2 (UL) (CTI ≥ 257) – 3613
M08
Creepage distance
≥ 2,6 mm
Clearance
≥ 2,6 mm
Insulation resistance
> 10 GΩ
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com