Electronic Components Datasheet Search
  English  ▼

X  

250 Datasheet(PDF) 1 Page - ebm-papst

Part # 250
Description  DC diagonal fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

250 Datasheet(HTML) 1 Page - ebm-papst

  250 Datasheet HTML 1Page - ebm-papst 250 Datasheet HTML 2Page - ebm-papst 250 Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
max.
540 m3/h
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110/112
DV 6224
540
317,8
24
16...28
63
7,1
40,0
4 300
-20...+75
90 000 / 40 000
180 000
1
/2/12
DV 6248
540
317,8
48
28...60
63
7,1
40,0
4 300
-20...+75
90 000 / 40 000
180 000
1
Highlights:
– Diagonal compact fan with low noise and high pressure saddle.
– Very rigid compression curve for high air flow at high back pressure.
General characteristics:
– Material: aluminium housing, fibreglass-reinforced PA impeller; housing with grounding lug
for screw M4 x 8 (Torx). 48 V version incl. screws.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 820 g.
DC diagonal fans
Series DV 6200
172 Ø x 51 mm
50
100
150
200
250
300
0
200
400
100
150
200
50
250
300
350
300
500
600
100
1
m³/h
CFM
Nominal data
HHPP
A
SSPP
IP54
IP54
Û
PWM
II
TT
NG
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:12 Seite 64


Similar Part No. - 250

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
High peak current carrying capability up to 6000A
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
Small size-to-power ratio.
logo
ebm-papst
250 EBMPAPST-250 Datasheet
375Kb / 3P
DC axial fans
250 EBMPAPST-250 Datasheet
704Kb / 3P
DC axial fans
More results

Similar Description - 250

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
logo
ebm-papst
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
DC diagonal fan
DV63182TDH5P EBMPAPST-DV63182TDH5P Datasheet
569Kb / 4P
DC diagonal fan
DV63182TDH4P EBMPAPST-DV63182TDH4P Datasheet
240Kb / 4P
DC diagonal fan
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com